Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 106 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 102Page - STMicroelectronics L9300 Datasheet HTML 103Page - STMicroelectronics L9300 Datasheet HTML 104Page - STMicroelectronics L9300 Datasheet HTML 105Page - STMicroelectronics L9300 Datasheet HTML 106Page - STMicroelectronics L9300 Datasheet HTML 107Page - STMicroelectronics L9300 Datasheet HTML 108Page - STMicroelectronics L9300 Datasheet HTML 109Page - STMicroelectronics L9300 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 182 page
background image
SERVFLT
Service Fault
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Address:
GLOBAL_BaseAddress + 0xB
Type:
R
Reset:
0b0000 0000 0000 0000 0000
Description:
Service Fault register stores Diagnostic flags of enabled services
NOTE: As monitors are working also during startup phases, when voltage levels cannot be stable, it can happen that
some fault bit are set to “1” after POR. To avoid false diagnosis when the device is fully functional, it is suggested to
read this register once after the startup in order to clean it.
[19] Ground Loss:
0: No Fault
1: GND loss or GND_A loss
Reset events: POR, DATA READ
[18] unused
[17] EEPROM Trimming data CRC error status:
(Unmasked)
0: no CRC error
1: CRC error
Reset events: VB_UV, GND_LOSS, POR,
[16] RES1 to digital:
0: No Reset request from external
1: Reset request from external
Reset events: VB_UV, GND_LOSS, POR, DATA READ
[15] Main Oscillator Self check:
0: Pass
1: Failed
Reset events: VB_UV, GND_LOSS, POR, DATA READ
[14] GPO OL (Off state diag):
0: No Fault
1: GPO Open Load
Reset events: VB_UV, GND_LOSS, POR, RES1, DATA READ
[13] GPO OVC (On state diag):
L9300
SPI registers map table
DS12258 - Rev 4
page 106/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com