Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 115 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 111Page - STMicroelectronics L9300 Datasheet HTML 112Page - STMicroelectronics L9300 Datasheet HTML 113Page - STMicroelectronics L9300 Datasheet HTML 114Page - STMicroelectronics L9300 Datasheet HTML 115Page - STMicroelectronics L9300 Datasheet HTML 116Page - STMicroelectronics L9300 Datasheet HTML 117Page - STMicroelectronics L9300 Datasheet HTML 118Page - STMicroelectronics L9300 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 182 page
background image
WSIRSCR3
WSI CONFIGURATION CH_3_4
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RW
RW
RW
RW
R
RW
RW
RW
RW
RW
R
RW
Address:
GLOBAL_BaseAddress + 0x04
Type:
RW
Reset:
0b0000 0000 0000 0000 0000
Description:
Any WSI interface is configured by a 10 bit field according to the following format
[19:16] WSFILT[3:0]: Wheel Speed filter time selection.
Initial offset = 8µs;
Bit resolution: 500ns
0000: 8.0 µsec
0001: 8.5 µsec
…
1111: 15.5 µsec
Reset events: VB_UV, GND_LOSS, POR
[15] WSIPTEN: Pass Through mode enable (valid for PWM encoded sensors)
0: Off
1: On
Reset events: VB_UV, GND_LOSS, POR
[14] SSDIS: DOUTx output disabled in case of Standstill condition (valid only for PWM encoded 2 edges sensor)
0: DOUTx enabled during standstill
1: DOUTx disabled during standstill
Reset events: VB_UV, GND_LOSS, POR
[13] WSI_FIX_THRESH: WSI selection of fixed or auto adaptive thresholds
0: auto adaptive thresholds
1: fixed thresholds
Reset events: VB_UV, GND_LOSS, POR
[12] unused
[11:10] STS: Sensor Type Selection
00: Two level, Standard
01: Three level, VDA
10: PWM Encoded, 2 level, 2 edges/tooth
11: PWM Encoded, 2 level, 1 edge/tooth
Reset events: VB_UV, GND_LOSS, POR
[9:6] WSFILT[3:0]: Wheel Speed filter time selection.
L9300
SPI registers map table
DS12258 - Rev 4
page 115/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com