Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 120 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 116Page - STMicroelectronics L9300 Datasheet HTML 117Page - STMicroelectronics L9300 Datasheet HTML 118Page - STMicroelectronics L9300 Datasheet HTML 119Page - STMicroelectronics L9300 Datasheet HTML 120Page - STMicroelectronics L9300 Datasheet HTML 121Page - STMicroelectronics L9300 Datasheet HTML 122Page - STMicroelectronics L9300 Datasheet HTML 123Page - STMicroelectronics L9300 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 182 page
background image
[14] Latch_D0: Latched D0, set when bit0 has been decoded high in any of previous messages (only for VDA sensor),
cleared on read
0: no prior bit0 faults
1: prior message(s) contained bit0 fault
Reset events: VB_UV, GND_LOSS, POR, DATA READ
[13:12] LCID[1:0]: Logical Channel ID
00: ch1
01: ch2
10: ch3
11: ch4
Reset events: VB_UV, GND_LOSS, POR
[11:0] WSS DATA: 12-bit data from wheel speed decoder
VDA data format:
DATA[7:0] Data bits
DATA[11:8] Counter bits
PWD data format:
DATA[8:0] Pulse Data bits
Reset events: VB_UV, GND_LOSS, POR
If Bit 15 = 1 ==> Fault Condition
[14] On/Off: Channel on/off status, cleared by Reset Event or when the channel is commanded OFF via SPI WSICTRL or
when the STG bit is set with WSITEMP bit
0: Off
1: On
Reset events: VB_UV, GND_LOSS, POR
[13:12] LCID[1:0]: Logical Channel ID
00: ch1
01: ch2
10: ch3
11: ch4
Reset events: VB_UV, GND_LOSS, POR
[11] ∆Ith2 Saturated: Delta Error bit (Enabled only if WSICTRL[9] = 0)
0: no fault
1: fault
Reset events: VB_UV, GND_LOSS, POR, DATA READ
[10] ∆Ith1 Saturated: Delta Error bit (Enabled only if WSICTRL[9] = 0)
0: no fault
1: fault
Reset events: VB_UV, GND_LOSS, POR, DATA READ
[9] STG: Short to ground (in current limit condition)
0: no fault
1: fault
Reset events: VB_UV, GND_LOSS, POR, DATA READ
[8] STB: Short to battery
0: no fault
1: fault
Reset events: VB_UV, GND_LOSS, POR, DATA READ
L9300
SPI registers map table
DS12258 - Rev 4
page 120/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com