Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 129 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 125Page - STMicroelectronics L9300 Datasheet HTML 126Page - STMicroelectronics L9300 Datasheet HTML 127Page - STMicroelectronics L9300 Datasheet HTML 128Page - STMicroelectronics L9300 Datasheet HTML 129Page - STMicroelectronics L9300 Datasheet HTML 130Page - STMicroelectronics L9300 Datasheet HTML 131Page - STMicroelectronics L9300 Datasheet HTML 132Page - STMicroelectronics L9300 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 182 page
background image
16.3.4
Q&A watchdog registers
Table 60. Q&A watchdog registers address mapping
Register description
Register name
Q&A Seed/Answer
WDG2SEEDANS
Q&A Status
WDG2STATUS
Q&A Answer Timing
WDG2ANSTMG
Q&A Request Timing
WDG2RQTMG
Q&A Configuration
WDG2PGM
Q&A Write Unlock
WDG2UNLOCK
WDG2SEEDANS
Q&A Seed/Answer
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
Address:
GLOBAL_BaseAddress + 0xE
Type:
RW
Reset:
0b0000 0000 0000 0000 0000 0000
Description:
Register behaves differently when read or written.
It contains seed value sent to the micro to be used for Answer elaboration in read mode.
It contains Answer word in write mode
[19:16] unused
If Bit 31 = 0 ==> Read operation
[15:8] unused
[7:0] Seed: Current value of the seed sent to the microcontroller to be used for the Answer elaboration
Reset events: VB_UV, GND_LOSS, POR
If Bit 31 = 1 ==> Write operation
[15:8] Answer HIGH: Higher part of the answer obtained as described on Q&A Watchdog
Reset events: VB_UV, GND_LOSS, POR
[7:0] Answer LOW: Lower part of the answer obtained as described on Q&A Watchdog
Reset events: VB_UV, GND_LOSS, POR
L9300
SPI registers map table
DS12258 - Rev 4
page 129/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com