Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 134 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 130Page - STMicroelectronics L9300 Datasheet HTML 131Page - STMicroelectronics L9300 Datasheet HTML 132Page - STMicroelectronics L9300 Datasheet HTML 133Page - STMicroelectronics L9300 Datasheet HTML 134Page - STMicroelectronics L9300 Datasheet HTML 135Page - STMicroelectronics L9300 Datasheet HTML 136Page - STMicroelectronics L9300 Datasheet HTML 137Page - STMicroelectronics L9300 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 182 page
background image
WDG2PGM
Q&A Configuration
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
RW
RW
RW
RW
RW
RW
Address:
GLOBAL_BaseAddress + 0x12
Type:
RW
Reset:
0b0010 0001 1111 1100 1011
Description:
Register contains unlock frame
[19:18] unused
[17] Watchdog reset enable: Enable for the WD_RST signal.
0: WD_RST signal not sent
1: WD_RST signal sent in case of failure
Reset events: VB_UV, GND_LOSS, POR
[16] Watchdog request check enable: Enable for the Request timing checking.
0: Request timing check not performed (monodirectional mode)
1: Request timing check performed
(bidirectional mode)
Reset events: VB_UV, GND_LOSS, POR
[15] Time-out reset enable: Enable for the RST after Timeout generation.
0: RST not generated after a TO event
1: RST generated after a TO event
Reset events: VB_UV, GND_LOSS, POR
[14] Clock division: Frequency Clock division setup.
0: clock not divided (64us)
1: clock divided by (256us)
Reset events: VB_UV, GND_LOSS, POR
[13:10] Low threshold: Threshold level to inhibit the actuation. If WD_CNT is lower than the threshold no actuation will be
performed.
Reset events: VB_UV, GND_LOSS, POR
L9300
SPI registers map table
DS12258 - Rev 4
page 134/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com