Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 143 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 139Page - STMicroelectronics L9300 Datasheet HTML 140Page - STMicroelectronics L9300 Datasheet HTML 141Page - STMicroelectronics L9300 Datasheet HTML 142Page - STMicroelectronics L9300 Datasheet HTML 143Page - STMicroelectronics L9300 Datasheet HTML 144Page - STMicroelectronics L9300 Datasheet HTML 145Page - STMicroelectronics L9300 Datasheet HTML 146Page - STMicroelectronics L9300 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 182 page
background image
0: Self Test disabled
1: Self Test enabled
Reset events: VB_UV, GND_LOSS, POR, RES1
[10] Solenoid Logic BIST:
0: Logic BIST reset
1: Logic BIST enabled
Reset events: VB_UV, GND_LOSS, POR, RES1
[9] Td_Blank:
0: long blank time selected
1: short blank time selected
Reset events: VB_UV, GND_LOSS, POR, RES1
[8] HILOAD:
Current Sense Scale
0: 1.5A max current
1: 2A max current
Reset events: VB_UV, GND_LOSS, POR, RES1
[7] OVC_R (Over Current Retry function):
0: Retry function disabled
1: Retry function enabled
Reset events: VB_UV , GND_LOSS, POR, RES1
[6] Overcurrent threshold selection:
0: 4A thehsold
1: 5A threshold
Reset events: VB_UV , GND_LOSS, POR, RES1
[5] Enable OFF Diagnosis:
0: disable
1: enable
Reset events: VB_UV , GND_LOSS, POR, RES1
[4] Dither Enable:
0: disable
1: enable
Reset events: VB_UV , GND_LOSS, POR, RES1
[3] Solenoid Load Configuration:
0: low–side
1: high–side
Reset events: VB_UV , GND_LOSS, POR, RES1
[2] SW_cntr: Current Feedback Control Mode
0: HW feedback
1: SW feedback
Reset events: VB_UV , GND_LOSS, POR, RES1
[1:0] Output Slew Rate:
00: 0.4 V/µs
01: 1.0 V/µs
10: 4.0 V/µs
11: 8.0 V/µs
L9300
SPI registers map table
DS12258 - Rev 4
page 143/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com