Electronic Components Datasheet Search
  English  ▼

X  

L9966 Datasheet(PDF) 105 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 101Page - STMicroelectronics L9966 Datasheet HTML 102Page - STMicroelectronics L9966 Datasheet HTML 103Page - STMicroelectronics L9966 Datasheet HTML 104Page - STMicroelectronics L9966 Datasheet HTML 105Page - STMicroelectronics L9966 Datasheet HTML 106Page - STMicroelectronics L9966 Datasheet HTML 107Page - STMicroelectronics L9966 Datasheet HTML 108Page - STMicroelectronics L9966 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 122 page
background image
16.24
SQNCR_CMD_[1:15]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
-
RW
RW
RW
RW
RW
RW
RW
Address:
0b1100_0001 up to 0b1100_1111
Description:
Sequencer configuration table register channel 1 to 15
Table 77. SQNCR_CMD_[1:15] register bit description
Range
Field name/description
Reset Value
Reset
Event
[15] Parity
Default
[14:7] RESERVED
0000_0000
PORn
[6:3]
NXT_PC[3:0]
Next configuration table address to read
0000: ENDLOOP
0001: point to SQNCR_CMD_1 (IO1)
0010: point to SQNCR_CMD_2 (IO2)
….
1100: point to SQNCR_CMD_12 (IO12)
1101: point to SQNCR_CMD_13 (UBSW)
1110: point to SQNCR_CMD_14 (VI5V)
1111: point to SQNCR_CMD_15 (VIX)
0000
PORn
RSTn
[2:1]
PUP_DIV
Pull-up selection (when ADC Resistance selected), division factor (ADC Voltage
selected, except for UBSW, VI5V, VIX)
00: no pullup, full range = 5 V
01: pullup RR1, full range = 20 V
10: pullup RR2, full range = 40 V
11: pullup RR3, full range = 1.25 V
00
PORn
RSTn
Bit 0
R_VOLT_MEAS_SELECT
0: Resistance measurement (ADC2)
1: Voltage measurement (ADC1)
0
PORn
RSTn
L9966
SQNCR_CMD_[1:15]
DS12459 - Rev 10
page 105/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com