Electronic Components Datasheet Search
  English  ▼

X  

L9966 Datasheet(PDF) 114 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 110Page - STMicroelectronics L9966 Datasheet HTML 111Page - STMicroelectronics L9966 Datasheet HTML 112Page - STMicroelectronics L9966 Datasheet HTML 113Page - STMicroelectronics L9966 Datasheet HTML 114Page - STMicroelectronics L9966 Datasheet HTML 115Page - STMicroelectronics L9966 Datasheet HTML 116Page - STMicroelectronics L9966 Datasheet HTML 117Page - STMicroelectronics L9966 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 122 page
background image
Revision history
Table 85. Document revision history
Date
Version
Changes
06-Jul-2018
1
Initial release.
20-Jul-2018
2
Updated Table 11. Saturation voltages.
Registers CURR_SRC_CTRL_[1:4], CURR_SRC_CTRL_[5:8], CURR_SRC_CTRL_[9:12]
and CURR_SRC_CTRL_[13:15] Range [3:1] added condition (CS=1) to binary value 011.
03-Dec-2018
3
Updated:
Table 14. Pull up current value;
For "ADC1range_1_25" and "ADC1range_40" parameters, corrected pin name in Table 22.
ADC1 parameters;
For "RMEASacc_L (1.5% max.)", "RMEASacc_L (10% max.)" "RMEASsettl time (50 µs max.)"
updated condition in Table 23. ADC2 parameters.
05-Feb-2019
4
Added Section 5.5 Temperature ranges and thermal data.
21-Oct-2019
5
Updated Table 41. Signal routed on AOX.
Minor text changes.
08-Mar-2021
6
Updated:
•
Section 16.3 HW_REV (address register);
•
Section 16.27 DIG_IN_STAT (bitfield name).
10-May-2022
7
Updated Section 17.1 TQFP48 (7x7x1 mm exp. pad down 5.0x5.0) package information.
22-Jun-2022
8
Updated:
•
Figure 32. VRS interface block diagram;
•
Figure 33. VRS block diagram - Normal operating mode;
•
Figure 35. VRS_A fully adaptive hysteresis;
•
Figure 38. VRS block diagram - Diagnostic operating mode - Current path.
04-Aug-2022
9
Updated Table 83. TQFP48 (7x7x1 mm exp. pad down 5.0x5.0) package mechanical data.
08-Sep-2022
10
Document classification changed from Restricted to public.
L9966
DS12459 - Rev 10
page 114/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com