Electronic Components Datasheet Search
  English  ▼

X  

BPB52L1F Datasheet(PDF) 1 Page - Belden Inc.

Part # BPB52L1F
Description  CAT5 100Ω 4x22AWG Profinet Type B fire resistant cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

BPB52L1F Datasheet(HTML) 1 Page - Belden Inc.

  BPB52L1F Datasheet HTML 1Page - Belden Inc. BPB52L1F Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: BPB52L1F
CAT5 100Ω 4x22AWG Profinet Type B fire resistant cable
Product Description
CAT5 100Ω 4x22AWG Profinet Type B fire resistant cable, IEC 60332-23, EN 50200, EN50289-4-16, 80C, 300V, ROHS
Technical Specifications
Product Overview
Suitable Applications:
For railway Ethernet Networking, Fire resistance, ProfiNet Application
Construction Details
Conductor
Size
Material
22 AWG TC - Tinned Copper
Insulation
Material
Nom. Insulation Diameter
Color Code
PO - Polyolefin 1.4 mm (0.055 in)
White, Yellow, Blue, Orange
Table Notes:
Fire resistance tape wrapped over insulated cores
Outer Shield
Shield Type
Material
Coverage
Notes
Tape
Polyester + Bi-Laminate (Alum+Poly)
Braid
Tinned Copper (TC)
80%
Fire resistance tape wrapped over braid
Outer Jacket
Material
XLPE
Overall Cable Diameter (Nominal):
7.3 mm (0.29 in)
Electrical Characteristics
Electricals
Max. Conductor DCR
59.4 Ω/km
Table Notes:
Nom. fitted Impedance (Ω) 100 & Nom. Mutual Capacitance 56 pF/m
High Frequency
Frequency [MHz] Max. Insertion Loss (Attenuation) Min. NEXT [dB] Min. RL (Return Loss) [dB] Min. Coupling Attenuation [dB]
4
4.9 dB/100 m
53
23
8
6.9 dB/100 m
48.5
24.5
10
7.8 dB/100 m
47
25
16
9.9 dB/100 m
43.9
25
20
11.1 dB/100 m
42.5
25
25
12.5 dB/100 m
41
24.2
31.3
14.1 dB/100 m
39.6
23.3
80
40
16.1 dB/100
38
22.4
80


Similar Part No. - BPB52L1F

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
BPB01 SWITCH-BPB01 Datasheet
212Kb / 1P
   BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
BPB01AU SWITCH-BPB01AU Datasheet
212Kb / 1P
   BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
BPB02 SWITCH-BPB02 Datasheet
212Kb / 1P
   BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
BPB02AU SWITCH-BPB02AU Datasheet
212Kb / 1P
   BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
BPB03 SWITCH-BPB03 Datasheet
212Kb / 1P
   BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
More results

Similar Description - BPB52L1F

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TTDS-263 TEC-TTDS-263 Datasheet
3Mb / 4P
   ZHD-SCE LOW FIRE HAZARD DIESEL RESISTANT
logo
3M Electronics
EC-4419 3M-EC-4419 Datasheet
38Kb / 4P
   3M Scotch-GripTM Fire Resistant Rubber Based Adhesive
logo
Huber+Suhner, Inc.
04-___CWJSNHIH-__ HUBERSUHNER-04-___CWJSNHIH-___20 Datasheet
375Kb / 3P
   Breakout Fire Resistant 4 x 2.0mm LSFH Ø 10.0mm
12-___CWJSNHIH-__ HUBERSUHNER-12-___CWJSNHIH-___20 Datasheet
470Kb / 3P
   Breakout Fire Resistant 12 x 2.0mm LSFH Ø 15.0mm
08-___CWJSNHIH-__ HUBERSUHNER-08-___CWJSNHIH-___20 Datasheet
407Kb / 3P
   Breakout Fire Resistant 8 x 2.0mm LSFH Ø 12.0mm
logo
Belden Inc.
70007E BELDEN-70007E Datasheet
152Kb / 2P
   DataTuff® 5E, 1Q #22 Str TC, PO ins, F/B, PVC jkt, PROFINET Type B
2022 Belden, Inc
logo
General Cable Technolog...
C0492 GENERAL-C0492 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
logo
Belden Inc.
NH50105SF BELDEN-NH50105SF Datasheet
142Kb / 2P
   DataTuff™ Industrial Ethernet CAT5e 4X2X23AWG/1 S/FTP Fire Resistant
2022 Belden, Inc
logo
General Cable Technolog...
C0472 GENERAL-C0472 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0486 GENERAL-C0486 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com