Electronic Components Datasheet Search
  English  ▼

X  

BPB52L1F Datasheet(PDF) 2 Page - Belden Inc.

Part # BPB52L1F
Description  CAT5 100Ω 4x22AWG Profinet Type B fire resistant cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

BPB52L1F Datasheet(HTML) 2 Page - Belden Inc.

  BPB52L1F Datasheet HTML 1Page - Belden Inc. BPB52L1F Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
62.5
20.4 dB/100 m
35.1
20.7
80
100
26.4 dB/100 m
32
19
80
Voltage
Voltage Rating Breakdown Voltage
300 V
2 kVac/min
Mechanical Characteristics
Temperature
Operating
-40
to + 80
Table Notes:
Nom. Bulk Weight of cable 70 kg/km
Standards and Compliance
Flammability / Reaction to Fire:
IEC 60332-1-2, IEC 60332-3-25, IEC 60332-3-25, IEC 60331-23, BS EN 50200 PH120
ISO/IEC Compliance:
IEC 61156-2, IEC 61156-xx, UL 758, IEC 61034-2 - Smoke Density Min Transmittance = 70%
CENELEC Compliance:
EN 50289
European Halogen Free Standards: IEC 60754-1 - Halogen Amount = 0.5%, IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity = 10 , IEC 60754-2 - Halogen Acid Gas Amount - Min. pH = 4.3
European Directive Compliance:
EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Other Standard Compliance(s):
TJ/CL 313
Product Notes
Notes:
Toxicity of insulation (EN 45545-2 Table 5-R15 and R16-HL3) 6 ; Toxicity of jacket (EN 45545-2 Table 5-R15 and R16-HL3) 6 ; Hazard level (EN 45545-2) HL3
History
Update and Revision:
Revision Number: 0.9 Revision Date: 11-28-2022
© 2022 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - BPB52L1F

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
BPB01 SWITCH-BPB01 Datasheet
212Kb / 1P
   BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
BPB01AU SWITCH-BPB01AU Datasheet
212Kb / 1P
   BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
BPB02 SWITCH-BPB02 Datasheet
212Kb / 1P
   BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
BPB02AU SWITCH-BPB02AU Datasheet
212Kb / 1P
   BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
BPB03 SWITCH-BPB03 Datasheet
212Kb / 1P
   BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
More results

Similar Description - BPB52L1F

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TTDS-263 TEC-TTDS-263 Datasheet
3Mb / 4P
   ZHD-SCE LOW FIRE HAZARD DIESEL RESISTANT
logo
3M Electronics
EC-4419 3M-EC-4419 Datasheet
38Kb / 4P
   3M Scotch-GripTM Fire Resistant Rubber Based Adhesive
logo
Huber+Suhner, Inc.
04-___CWJSNHIH-__ HUBERSUHNER-04-___CWJSNHIH-___20 Datasheet
375Kb / 3P
   Breakout Fire Resistant 4 x 2.0mm LSFH Ø 10.0mm
12-___CWJSNHIH-__ HUBERSUHNER-12-___CWJSNHIH-___20 Datasheet
470Kb / 3P
   Breakout Fire Resistant 12 x 2.0mm LSFH Ø 15.0mm
08-___CWJSNHIH-__ HUBERSUHNER-08-___CWJSNHIH-___20 Datasheet
407Kb / 3P
   Breakout Fire Resistant 8 x 2.0mm LSFH Ø 12.0mm
logo
Belden Inc.
70007E BELDEN-70007E Datasheet
152Kb / 2P
   DataTuff® 5E, 1Q #22 Str TC, PO ins, F/B, PVC jkt, PROFINET Type B
2022 Belden, Inc
logo
General Cable Technolog...
C0492 GENERAL-C0492 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
logo
Belden Inc.
NH50105SF BELDEN-NH50105SF Datasheet
142Kb / 2P
   DataTuff™ Industrial Ethernet CAT5e 4X2X23AWG/1 S/FTP Fire Resistant
2022 Belden, Inc
logo
General Cable Technolog...
C0472 GENERAL-C0472 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0486 GENERAL-C0486 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com