Electronic Components Datasheet Search
  English  ▼

X  

SR2332-V Datasheet(PDF) 1 Page - AUK corp

Part # SR2332-V
Description  Chip LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SR2332-V Datasheet(HTML) 1 Page - AUK corp

  SR2332-V Datasheet HTML 1Page - AUK corp SR2332-V Datasheet HTML 2Page - AUK corp SR2332-V Datasheet HTML 3Page - AUK corp SR2332-V Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-O8P010-001
1
SR2332-V
Chip LED
Features
• Colorless transparency lens type
• Compact type
• Radiation size 2.9mm(L)×1.6mm(W) surface mount type
• High luminosity
Applications
• LCD backlighting
• Keypad backlighting
• Symbol backlighting
• Front panel indicator lamp
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Cathode
2. NC
3. Anode
1
3
2


Similar Part No. - SR2332-V

ManufacturerPart #DatasheetDescription
logo
AUK corp
SR2332-H AUK-SR2332-H Datasheet
224Kb / 4P
High Brightness Chip LED Lamp
SR2332-U AUK-SR2332-U Datasheet
224Kb / 4P
High Brightness Chip LED Lamp
More results

Similar Description - SR2332-V

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
Chip LED
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
LED - Chip
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
LED - Chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com