Electronic Components Datasheet Search
  English  ▼

X  

SR5311 Datasheet(PDF) 1 Page - AUK corp

Part # SR5311
Description  LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SR5311 Datasheet(HTML) 1 Page - AUK corp

  SR5311 Datasheet HTML 1Page - AUK corp SR5311 Datasheet HTML 2Page - AUK corp SR5311 Datasheet HTML 3Page - AUK corp SR5311 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-O2O028-000
1
SR5311 / SR5311(B)
LED Lamp
Features
• Colorless transparency lens type
• φ5mm(T-13/4) all plastic mold type
• High luminosity
Outline Dimensions
unit : mm
STRAIGHT
TYPE
STOPPER
TYPE : (B)
12
1
2
4.80~5.20
26.00 Min.
1.00 Max.
4.80~5.20
1.00 Max
8.40~8.80
0.50 Max.
0.05 Typ.
2.54 Typ.
5.50~6.00
8.40~8.80
26.00 Min.
2.54 Typ.
5.60~6.00
1.20 Min.
0.06 Max
0.05 Typ.
PIN Connections
1. Anode
2. Cathode
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r


Similar Part No. - SR5311

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SR5311 KODENSHI-SR5311 Datasheet
116Kb / 3P
   LED
logo
AUK corp
SR5311-B AUK-SR5311-B Datasheet
270Kb / 4P
   High Brightness LED Lamp
SR5311-H AUK-SR5311-H Datasheet
270Kb / 4P
   High Brightness LED Lamp
logo
KODENSHI_AUK CORP.
SR5311-H KODENSHI-SR5311-H Datasheet
108Kb / 3P
   Colorless transparency lens
logo
AUK corp
SR5311-HB AUK-SR5311-HB Datasheet
270Kb / 4P
   High Brightness LED Lamp
More results

Similar Description - SR5311

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com