Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213 Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 116Page - Microchip Technology PIC16F15213 Datasheet HTML 117Page - Microchip Technology PIC16F15213 Datasheet HTML 118Page - Microchip Technology PIC16F15213 Datasheet HTML 119Page - Microchip Technology PIC16F15213 Datasheet HTML 120Page - Microchip Technology PIC16F15213 Datasheet HTML 121Page - Microchip Technology PIC16F15213 Datasheet HTML 122Page - Microchip Technology PIC16F15213 Datasheet HTML 123Page - Microchip Technology PIC16F15213 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 439 page
background image
15.2.1
NVMADR
Name: 
NVMADR
Offset: 
0x1C8C
Nonvolatile Memory Address Register
Bit
15
14
13
12
11
10
9
8
NVMADR[14:8]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
NVMADR[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 14:0 – NVMADR[14:0] NVM Address Bits
Notes: 
1.
The individual bytes in this multibyte register can be accessed with the following register names:
– NVMADRH: Accesses the high byte NVMADR[15:8]
– NVMADRL: Accesses the low byte NVMADR[7:0].
2.
Bit [15] is undefined while WR = 1.
PIC16F15213/14/23/24/43/44
NVM - Nonvolatile Memory Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com