Electronic Components Datasheet Search
  English  ▼

X  

2SA1845 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SA1845
Description  SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1845 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SA1845 Datasheet HTML 1Page - Renesas Technology Corp 2SA1845 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
Data Sheet D15592EJ2V0DS
2
2SA1845
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−100 V, IE = 0
−10
µA
Collector cutoff current
ICER
VCE =
−100 V, REB = 50 Ω
Ta = 125
°C
−1.0
mA
Collector cutoff current
ICEX1
VCE =
−100 V, VBE(off) = 1.5 V
−10
µA
Collector cutoff current
ICEX2
VCE =
−100 V, VBE(off) = 1.5 V
Ta = 125
°C
−1.0
mA
Emitter cutoff current
IEBO
VEB =
−5.0 V, IC = 0
−10
µA
DC current gain
hFE1*
VCE =
−2.0 V, IC = −0.5 A
100
−
DC current gain
hFE2*
VCE =
−2.0 V, IC = −1.0 A
100
400
−
DC current gain
hFE3*
VCE =
−2.0 V, IC = −3.0 A
60
−
Collector saturation voltage
VCE(sat)1*
IC =
−3.0 A, IB = −0.15 A
−0.3
V
Collector saturation voltage
VCE(sat)2*
IC =
−4.0 A, IB = −0.2 A
−0.5
V
Base saturation voltage
VBE(sat)1*
IC =
−3.0 A, IB = −0.15 A
−1.2
V
Base saturation voltage
VBE(sat)2*
IC =
−4.0 A, IB = −0.2 A
−1.5
V
Gain bandwidth product
fT
VCE =
−10 V, IC = −0.5 A
150
MHz
Collector capacitance
Cob
VCB =
−10 V, IE = 0, f = 1 MHz
130
pF
Turn-on time
ton
0.3
µs
Storage time
tstg
1.4
µs
Fall time
tf
IC =
−3.0 A
IB1 =
−IB2 = −0.15 A
RL = 16.7
Ω, VCC = −50 V
0.4
µs
* Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
M
L
K
hFE
100 to 200
150 to 300
200 to 400
PACKAGE DRAWING (UNIT: mm)
TAPING SPECIFICATION
Electrode Connection
1. Base
2. Collector
3. Emitter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com