Electronic Components Datasheet Search
  English  ▼

X  

HC705V8GRS/D Datasheet(PDF) 156 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 156 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 152Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 153Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 154Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 155Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 156Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 157Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 158Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 159Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 160Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 172 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 145
MC68HC705V8 Specification Rev. 2.1
NOTES:
1. All values shown reflect average measurements.
2. Typical values at midpoint of voltage range, 25
°C only.
3. Run (Operating) IDD, Wait IDD: Measured using external square wave clock source to OSC1 (fOSC = 4.2 MHz), all inputs
0.2 Vdc from rail; no DC loads, less than 50 pF on all outputs, CL = 20 pF on OSC2.
4. Wait, Stop IDD: All ports configured as inputs, VIL = 0.2 Vdc, VIH = VDD-0.2 Vdc.
5. Stop IDD measured with OSC1 = VSS.
6. Wait IDD is affected linearly by the OSC2 capacitance.
7. Total.
* Not Tested.
VDD slew rate rising *
0.1
—
S
VDDR
V/
µs
—
VDD slew rate falling*
0.05
—
S
VDDF
V/
µs
—
POR Reset Voltage *
100
—
V
POR
mV
—
Low Voltage Reset Inhibit
4.2
—
V
LVRI
V
3.5
Low Voltage Reset Recover
4.5
—
V
LVRR
V
3.6
Low Voltage Reset Inhibit/Recover Hysteresis
0.3
0.2
H
LVR
V
0.1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com