Electronic Components Datasheet Search
  English  ▼

X  

CMDA30 Datasheet(PDF) 6 Page - Chicago Miniature Lamp,inc

Part # CMDA30
Description  Power LED (1 Watt)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA30 Datasheet(HTML) 6 Page - Chicago Miniature Lamp,inc

  CMDA30 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 1 page
background image
14. Forward Current Vs Wavelength shift (Ta=25℃)
10
8
6
RE D
GRE E N
BL U E
4
2
0
-2
-4
0
5 0
1 00
150
2 0 0
2 5 0
300
350
40 0
F o rw ardC u rrent(I
F
)
15. Junction Temp Vs Wavelength shift
6
5
RE D
G R E E N
BL U E
4
3
2
1
0
0
2 5
5 0
7 5
1 0 0
125
150
J unc tion T e m p erature(
oC)
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
- 6 -



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com