Electronic Components Datasheet Search
  English  ▼

X  

CMDA36 Datasheet(PDF) 3 Page - Chicago Miniature Lamp,inc

Part # CMDA36
Description  Power LED (2.5 Watt)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA36 Datasheet(HTML) 3 Page - Chicago Miniature Lamp,inc

  CMDA36 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 1 page
background image
- 3 -
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
2. Electro-Optical Characteristics (at IF=700mA, TA=25ºC)
P/N
Description
Luminous
Flux
Min./Typ.
(lm)
Correlated
Color
Temperature
(Kelvin)
CRI
Dominant
Wavelength (nm)
Min./Typ./Max.
Forward Voltage
(volts)
Min./Typ./Max.
View Angle
(degrees)
Thermal
resistance
(ºC /W)
Symbol
ФV [1]
CCT [3]
Ra
λD
V
2Θ 1/2
Rθ [4]
CMDA36CW15D13L Pure White
70 / 103
6500
76
3.0 / 3.4 / 4.3
110
9.1
CMDA36WW15D13L Warm White
54 / 60
3000
76
3.0 / 3.4 / 4.3
110
9.1
CMDA36CB15D13L
Blue
14 / 18
455 / 460 / 475
3.0 / 3.4 / 4.3
130
9.1
CMDA36AG15D13L
Green
54 / 93
520 / 527 / 535
3.0 / 3.4 / 4.3
130
9.1
CMDA36AR15D13L
Red
54 / 60
620 / 625 / 630
2.0 / 2.5 / 3.0
128
13
CMDA36GB15D13L
Cyan
54 / 78
500 / 505 / 510
3.0 / 3.4 / 4.3
130
9.1
CMDA36DY15D13L
Amber
54 / 75
585 / 590 / 595
2.0 / 2.5 / 3.0
128
13
3. Absolute Maximum Ratings (at TA=25ºC)
P/N
Description
Forward
Current (A)
Power
Dissipation
(Watts)
Junction
Temperat
ure (ºC)
Operating
Temperature (ºC)
Storage
Temperature (ºC)
Symbol
IF
PD
Tj
Topr
Tstg
CMDA36CW15D13L Pure White
0.8
3.2
125
-30~+85
-40~+120
CMDA36WW15D13L Warm White
0.8
3.2
125
-30~+85
-40~+120
CMDA36CB15D13L
Blue
0.8
3.2
125
-30~+85
-40~+120
CMDA36AG15D13L
Green
0.8
3.2
125
-30~+85
-40~+120
CMDA36AR15D13L
Red
0.8
2.4
100
-30~+85
-40~+120
CMDA36GB15D13L
Cyan
0.8
3.9
125
-30~+85
-40~+120
CMDA36DY15D13L
Amber
0.8
2.4
100
-30~+85
-40~+120
*Notes:
[1] ФV is the total luminous flux output as measured with an integrating sphere.
[2] Zener diode chip included to protect the LED from ESD.
[3] Rθ is measured with a metal core PCB (25 ºC ≤TJ ≤ 125 ºC).
[4] CML maintains a tolerance of ± 10% on flux and power measurements.
[5] CCT ± 5% tester tolerance.
[6] Color Coordinate Measurement allowance is ± 0.005
[7] A tolerance of ± 0.006V on forward voltage measurements
--------------------------Caution--------------------------
Please do not drive at rated current more than 5 sec. without proper heat sink



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com