Electronic Components Datasheet Search
  English  ▼

X  

CMDA36 Datasheet(PDF) 4 Page - Chicago Miniature Lamp,inc

Part # CMDA36
Description  Power LED (2.5 Watt)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA36 Datasheet(HTML) 4 Page - Chicago Miniature Lamp,inc

  CMDA36 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
4. Forward Voltage vs. Forward Current (Ta=25℃)
3.8
3.6
3.4
3.2
3.0
RED
GREEN
BLUE
2.8
2.6
2.4
2.2
2.0
1.8
0
200
400
600
800
1000
Forward Current (mA)
5. Forward Current vs. Normalized Relative Luminous Flux (Ta=25℃)
1.4
1.2
1.0
0.8
0.6
RED
GREEN
BLUE
0.4
0.2
0.0
0
100
200
300
400
500
600
700
800
Forward Current (mA)
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
- 4 -



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com