Electronic Components Datasheet Search
  English  ▼

X  

CMDA42 Datasheet(PDF) 7 Page - Chicago Miniature Lamp,inc

Part # CMDA42
Description  Power LED (1watt) Technical Datasheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA42 Datasheet(HTML) 7 Page - Chicago Miniature Lamp,inc

  CMDA42 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 1 page
background image
Forward Current Characteristics
1. Forward Voltage vs. Forward Current, TA=25℃
40 0
35 0
P u re Wh ite ,W a rm Wh ite ,B L U E
G reen
30 0
25 0
20 0
15 0
10 0
50
0
0.0
0 .5
1.0
1 .5
2.0
2 .5
3.0
3 .5
4.0
F orw ard V o ltag e [V ]
40 0
35 0
RE D
30 0
25 0
20 0
15 0
10 0
50
0
0 .0
0 .5
1 .0
1 .5
2 .0
2 .5
3 .0
3 .5
Forw ard V o ltag e [V ]
7
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com