Electronic Components Datasheet Search
  English  ▼

X  

DSPIC30F Datasheet(PDF) 220 Page - Microchip Technology

Part # DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Datasheet(HTML) 220 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 216Page - Microchip Technology DSPIC30F Datasheet HTML 217Page - Microchip Technology DSPIC30F Datasheet HTML 218Page - Microchip Technology DSPIC30F Datasheet HTML 219Page - Microchip Technology DSPIC30F Datasheet HTML 220Page - Microchip Technology DSPIC30F Datasheet HTML 221Page - Microchip Technology DSPIC30F Datasheet HTML 222Page - Microchip Technology DSPIC30F Datasheet HTML 223Page - Microchip Technology DSPIC30F Datasheet HTML 224Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 248 page
background image
dsPIC30F
DS70083G-page 218
Preliminary
 2004 Microchip Technology Inc.
TABLE 23-34: 12-BIT A/D MODULE SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 2.7V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40
°C ≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
Device Supply
AD01
AV
DD
Module V
DD Supply
Greater of
V
DD - 0.3
or 2.7
—Lesser of
V
DD + 0.3
or 5.5
V—
AD02
AV
SS
Module V
SS Supply
V
SS - 0.3
—
V
SS + 0.3
V
—
Reference Inputs
AD05
V
REFH
Reference Voltage High
AV
SS + 2.7
—
AV
DD
V—
AD06
V
REFL
Reference Voltage Low
AV
SS
—AV
DD - 2.7
V
—
AD07
V
REF
Absolute Reference
Voltage
AV
SS - 0.3
—
AV
DD + 0.3
V
—
AD08
I
REF
Current Drain
—
200
.001
300
3
µA
µA
A/D operating
A/D off
Analog Input
AD10
V
INH-VINL Full-Scale Input Span
V
REFL
V
REFH
V
See Note
AD11
V
IN
Absolute Input Voltage
AV
SS - 0.3
AV
DD + 0.3
V
—
AD12
—
Leakage Current
—
±0.001
±0.610
µAVINL = AVSS = VREFL =
0V, AV
DD = VREFH = 5V
Source Impedance =
2.5 k
Ω
AD13
—
Leakage Current
—
±0.001
±0.610
µAVINL = AVSS = VREFL =
0V, AV
DD = VREFH = 3V
Source Impedance =
2.5 k
Ω
AD15
R
SS
Switch Resistance
—
3.2K
—
Ω
—
AD16
C
SAMPLE
Sample Capacitor
—
18
pF
—
AD17
R
IN
Recommended Impedance
of Analog Voltage Source
——
2.5K
Ω
—
DC Accuracy
AD20
Nr
Resolution
12 data bits
bits
AD21
INL
Integral Nonlinearity
—
±0.75
TBD
LSb
V
INL = AVSS = VREFL =
0V, AV
DD = VREFH = 5V
AD21A INL
Integral Nonlinearity
—
±0.75
TBD
LSb
V
INL = AVSS = VREFL =
0V, AV
DD = VREFH = 3V
AD22
DNL
Differential Nonlinearity
—
±0.5
< ±1
LSb
V
INL = AVSS = VREFL =
0V, AV
DD = VREFH = 5V
AD22A DNL
Differential Nonlinearity
—
±0.5
< ±1
LSb
V
INL = AVSS = VREFL =
0V, AV
DD = VREFH = 3V
AD23
G
ERR
Gain Error
—
±1.25
TBD
LSb
V
INL = AVSS = VREFL =
0V, AV
DD = VREFH = 5V
AD23A G
ERR
Gain Error
—
±1.25
TBD
LSb
V
INL = AVSS = VREFL =
0V, AV
DD = VREFH = 3V
Note 1:
The A/D conversion result never decreases with an increase in the input voltage, and has no missing
codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com