Electronic Components Datasheet Search
  English  ▼

X  

LX1994 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1994
Description  High Efficiency LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1994 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1994 Datasheet HTML 1Page - Microsemi Corporation LX1994 Datasheet HTML 2Page - Microsemi Corporation LX1994 Datasheet HTML 3Page - Microsemi Corporation LX1994 Datasheet HTML 4Page - Microsemi Corporation LX1994 Datasheet HTML 5Page - Microsemi Corporation LX1994 Datasheet HTML 6Page - Microsemi Corporation LX1994 Datasheet HTML 7Page - Microsemi Corporation LX1994 Datasheet HTML 8Page - Microsemi Corporation LX1994 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LX1994
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
High Efficiency LED Driver
Copyright
© 2003
Rev. 1.0a, 2004-08-10
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature -40°C
TA 85°C except where
otherwise noted and the following test conditions: VIN = 3.6V, ILOAD = 20mA
LX1994
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Voltage
VIN
2.0
5.5
V
Minimum Start-up Voltage
TA = +25
°C
2.0
V
Start-up Voltage Temperature
Coefficient
For Reference Only
-2
mV/
°C
SHDN = VIN, No external FET
100
200
µA
Quiescent Current
IQ
SHDN = GND
0.35
1
µA
BRT Full scale bias current
IBRT
S/P = VIN, VBRT = GND, ILS = 0A
7.5
10.5
13.5
µA
BRT Light sensor current
IBRT
S/P = VIN, VBRT = GND, ILS = 100µA
110
µA
S/P Logic Low Voltage
VS/P
0.6
V
S/P Logic High Voltage
VS/P
1.4
V
S/P Input DC Bias Current
S/P =
VIN
-1
0.05
1
µA
S/P PWM frequency
10
1000
KHz
S/P Pulse Width
50
ns
BRT PWM Voltage
VBRT
VS/P = VIN (DCS/P = 100%)
270
300
330
mV
BRT PWM Voltage
VBRT
DCS/P = 50%, FPWM = 100KHZ
150
mV
Feedback Comparator Offset
VOS
VFB – VBRT, VBRT = 0mV
4
mV
SCR peak current
IPK
HYST mode; TA = +25
°C
180
240
300
mA
Efficiency
η
VOUT = 18V, ILOAD = 20mA, VIN = 5.0V
92
%
DRV Sink/Source Current
140
200
mA
Maximum Switch On-Time
tON
10
15
20
µs
Minimum Switch Off-Time
tOFF
240
350
460
ns
OVP Threshold Voltage
VOVP
1.10
1.22
1.34
V
OVP Input Bias Current
IOVP
VOVP = 1V
-50
50
nA


Similar Part No. - LX1994

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
256Kb / 13P
   High Efficiency LED Driver
LX1994CDU MICROSEMI-LX1994CDU Datasheet
256Kb / 13P
   High Efficiency LED Driver
LX1994CDU-TR MICROSEMI-LX1994CDU-TR Datasheet
256Kb / 13P
   High Efficiency LED Driver
LX1994CLD MICROSEMI-LX1994CLD Datasheet
256Kb / 13P
   High Efficiency LED Driver
LX1994CLD-TR MICROSEMI-LX1994CLD-TR Datasheet
256Kb / 13P
   High Efficiency LED Driver
More results

Similar Description - LX1994

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com