Electronic Components Datasheet Search
  English  ▼

X  

LX1994 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1994
Description  High Efficiency LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1994 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1994 Datasheet HTML 1Page - Microsemi Corporation LX1994 Datasheet HTML 2Page - Microsemi Corporation LX1994 Datasheet HTML 3Page - Microsemi Corporation LX1994 Datasheet HTML 4Page - Microsemi Corporation LX1994 Datasheet HTML 5Page - Microsemi Corporation LX1994 Datasheet HTML 6Page - Microsemi Corporation LX1994 Datasheet HTML 7Page - Microsemi Corporation LX1994 Datasheet HTML 8Page - Microsemi Corporation LX1994 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LX1994
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
High Efficiency LED Driver
Copyright
© 2003
Rev. 1.0a, 2004-08-10
TM
®
TH EORY OF O PERAT ION
Basic PFM operation
The LX1994 dual mode PFM modulator is implemented in
two switching modes: the hysteretic and Continuous
Switching Mode (CSM).
In hysteretic switching mode, the basic PFM modulator
logic/timing block uses a Fixed Peak Current/ Fixed Off
Time where the switch turns on and allows the inductor
current to ramp to a finite peak level then shuts off for a
fixed duration of time. The basic modulation cycle repeats
as long as the converter output voltage is less than the
maximum regulation level. When the maximum regulation
level is reached, the switch remains off until the output
voltage capacitor discharges to a level less than the
minimum regulation level. The input signals to the switch
logic block are the burst on/off control signal and the peak
current detection signals. For low and negligible switch
conduction losses the designer may set the peak current
comparator at 20mV corresponding to 200mA of output
current.
In Continuous Switching Mode (CSM), the level to the
peak current comparator is variable. This current level is
developed by integrating the output of the feedback
comparator which functions as a high gain bandwidth
limited error amplifier. This current is clamped to the peak
switch current limit of 600mA. The integrated capacitor is
attached at the CMP pin when the burst on/off control line
is forced to the “ON” state.
The conversion from hysteretic to CSM mode is performed
when the burst length exceeds more than 16 switching
cycles counting by an internal 16 bits shift register. The
internal register is clocked by the switch transitions during
each burst period. When the switching cycles exceed 16
cycles, the converter automatically switches over to CSM
mode. CSM mode switching is latched by a J/K flip-flop.
The conversion from CSM mode to hysteretic mode is
performed when the error amplifier output falls below
10mV (corresponding to 100mA peak current) as
determined by a comparator. This resets the J/K flip-flop
and converts back to hysteric mode.
The LX1994 is a highly efficient PFM boost converter, its
design is based on dual mode PFM for driving a series of
white or color LEDs. The advantage of PFM switching is
to minimize system efficiency losses in both heavy and
light load operations. The LX1994 does not require an
external oscillator due to PFM dual modes switching.
In light load operation, the converter minimizes switching
losses by delivering more energy than necessary during
switching burst period than the inactivity coast period.
In heavy load condition, the converter uses the
Continuous Switching Current Mode (CSM) regulation
scheme. This minimized peak switching current and
thereby minimizes the conduction losses.
Losses
There are two types of losses in PFM regulator design: the
switching loss, and conduction loss; that contribute to
system inefficiency.
Switching loss: Energy switching losses are associated
with a NFET’s switch changing state (from on to off or
vice versa) as a simultaneous high level of voltage and
current are at the NFET’s switch during the transition.
This switching loss is proportional to the switching
frequency.
Conduction loss: the loss due to current flow in the series
resistance of the switch, inductor, and current sense
resistor. Conduction loss is proportional to the square of
the switch current.
Output Current Selection
The LED output current is regulated by adjusting of the
FB pin voltage. If the FB pin voltage equals the BRT pin
voltage, the LED current is the result of the FB pin
voltage divided by the selected current sense resistor.
For example: in a 100% duty cycle design, FB pin voltage
is 300mV, the current sense resistor is 15Ω. The LED
current equals:
300mV
= 20mA
15Ω


Similar Part No. - LX1994

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
256Kb / 13P
   High Efficiency LED Driver
LX1994CDU MICROSEMI-LX1994CDU Datasheet
256Kb / 13P
   High Efficiency LED Driver
LX1994CDU-TR MICROSEMI-LX1994CDU-TR Datasheet
256Kb / 13P
   High Efficiency LED Driver
LX1994CLD MICROSEMI-LX1994CLD Datasheet
256Kb / 13P
   High Efficiency LED Driver
LX1994CLD-TR MICROSEMI-LX1994CLD-TR Datasheet
256Kb / 13P
   High Efficiency LED Driver
More results

Similar Description - LX1994

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com