Electronic Components Datasheet Search
  English  ▼

X  

LX1994 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1994
Description  High Efficiency LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1994 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1994 Datasheet HTML 1Page - Microsemi Corporation LX1994 Datasheet HTML 2Page - Microsemi Corporation LX1994 Datasheet HTML 3Page - Microsemi Corporation LX1994 Datasheet HTML 4Page - Microsemi Corporation LX1994 Datasheet HTML 5Page - Microsemi Corporation LX1994 Datasheet HTML 6Page - Microsemi Corporation LX1994 Datasheet HTML 7Page - Microsemi Corporation LX1994 Datasheet HTML 8Page - Microsemi Corporation LX1994 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LX1994
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
High Efficiency LED Driver
Copyright
© 2003
Rev. 1.0a, 2004-08-10
TM
®
DESCRIPTION
Microsemi’s LX1994 is a compact,
high
efficiency,
step-up
boost
controller which is designed to drive a
string of white or colored LED’s in a
backlight or front light system. The
LX1994 design is based on a dual
mode PFM architecture and provides
maximum typical efficiency greater
than 92%.
The LX1994 has many unique
design features and advantages over
competitor solutions. The features
included:
low quiescent current
(100µA typical), low shut down
current (<1µA), dedicate ambient light
sensor
interface
(LX1970),
dual
dimming modes, low voltage and low
offset current sense, and integrated
OVP protection.
The
converter
achieves
high
efficiency, low cost, and flexible
design by selection of an external N-
Channel MOSFET, current sense
resistors,
and
integrated
OVP
protection.
The use of external N-channel
MOSFET allows design to optimize
system efficiency.
The OVP protection comparator
eliminates the need of an external Zener
diode clamp. The OVP function can be
scaled
for
any
output
voltage.
Maximum output current is achievable
by selection of the current sense
resistor.
These features make the
controller ideal for PDA or digital
camera applications
To enhance system battery life, the
LX1994 provides 2 dimming options
and a dedicated ambient light sensor
(LX1970) interface.
The LX1994 supports a wide range
of system battery voltage inputs which
ranges from 2.0 to 5.5V. The LX1994
is guaranteed to start up at 2.0V input.
The LX1994 is available in miniature
10-pin MLP or MSOP packages.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Efficiency > 92%
Dual PFM Architecture To
Extend Battery Life
VIN Range 2.0V To 5.5V. Start
Up Warranty @ 2.0V
Logic Control Shutdown
100µA Typical Quiescent
Current
Shutdown IQ Current <1µA
OVP For Open String Output
Voltage
Low Voltage And Offset
Current Sense
Light Sensor (LX1970)
interface
Dual Dimming Options (PWM
or DC Voltage)
No External Zener Clamp
Diode
10-Pin MLP or MSOP
APPLI C ATION S
Pagers
PDA
Cell Phone
Portable Display
Digital Cameras
PRODUCT H I GHLIGHT
DRV
SRC
OVP
S/P
VIN
BRT
V
IN = 2.0V to 5.5V
GND
LX1994
FB
33µH
FDV303
UPS5819
LS
SNK
SRC
VSS
VDD
LX1970
3V
CMP
Auto Adjust for
Ambient Light
PACKAGE ORDER INFO
TA (
°C)
LD
Plastic MLP
10-Pin
DU
Plastic MSOP
10-Pin
-40 to 85
LX1994CLD
LX1994CDU
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e.
LX1994CDU-TR)


Similar Part No. - LX1994

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
256Kb / 13P
   High Efficiency LED Driver
LX1994CDU MICROSEMI-LX1994CDU Datasheet
256Kb / 13P
   High Efficiency LED Driver
LX1994CDU-TR MICROSEMI-LX1994CDU-TR Datasheet
256Kb / 13P
   High Efficiency LED Driver
LX1994CLD MICROSEMI-LX1994CLD Datasheet
256Kb / 13P
   High Efficiency LED Driver
LX1994CLD-TR MICROSEMI-LX1994CLD-TR Datasheet
256Kb / 13P
   High Efficiency LED Driver
More results

Similar Description - LX1994

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com