Electronic Components Datasheet Search
  English  ▼

X  

LX1994 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX1994
Description  High Efficiency LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1994 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX1994 Datasheet HTML 5Page - Microsemi Corporation LX1994 Datasheet HTML 6Page - Microsemi Corporation LX1994 Datasheet HTML 7Page - Microsemi Corporation LX1994 Datasheet HTML 8Page - Microsemi Corporation LX1994 Datasheet HTML 9Page - Microsemi Corporation LX1994 Datasheet HTML 10Page - Microsemi Corporation LX1994 Datasheet HTML 11Page - Microsemi Corporation LX1994 Datasheet HTML 12Page - Microsemi Corporation LX1994 Datasheet HTML 13Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LX1994
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 10
High Efficiency LED Driver
Copyright
© 2003
Rev. 1.0a, 2004-08-10
TM
®
APPLICATION INFORMATION
OVP PROGRAMMING
Resistors R6 and R7 of Figure 2 program the over voltage
clamp level. The value of R6 can be as high (like 1MΩ.) to
minimize the quiescent current.
The value of R7 can be
determined using the following equation where VOVP is
found in the ELECTRICAL CHARACTERISTICS TABLE:
OVP
OUT
OVP
V
R7=R6×
V-V
⎛⎞
⎜⎟
⎝⎠
DESIGN EXAMPLE:
Let R6 equal 1M and the required clamp voltage is 25V.
1.2
R7 = 1 ×R
= 50.4Ω
25-1.2
M
⎛⎞
⎜⎟
⎝⎠
INDUCTOR AND CAPACITOR SELECTION
The output filter inductor should be a 1µF capacitor with
sufficient voltage rating for the OVP setting. Inductors in
the range of 10µH to 47µH work best. For the best
efficiency a larger value of inductor such as 47µH is
recommended; larger value inductors will reduce ripple
current which reduces peak currents and improves
efficiency. Smaller value inductors may be use less board
space, so a design trade off is in order.
TRANSISTOR AND DIODE SELECTION
A Schottky diode should be used with a 1 Amp current
rating and voltage rating equivalent to the OVP setting. The
transistor should be a N-channel MOSFET with a logic
level gate voltage: good candidates are the FDV303N and
the FDN337. For higher voltages, several BSS138 can be
wired in parallel.
LAYOUT GUIDELINES
The LX1994 requires a tight layout of the CMP pin
capacitance. For best results, the 0.1µF CMP capacitor
should be located directly adjacent to the LX1994 package
with etch lengths as short as possible.
1
2
56
10
VIN
S/P
GND
DRV
8
OVP
9
SRC
3
BRT
FB
7
CMP
4
LS
0.1uF
LIGHT
SENSOR INTERFACE
The LX1994 has a LS input pin to simplify the interface to
an LX1970 light sensor.
Two different circuits are
described which provide slightly different response curves.
The equations for calculating the component values are
also given.
For the circuit of Figure 2, the describing equations are:
Rp×30k
R4=
Rp+30k
or
1
G4=Gp-
30k
Auto Mode:
() (
)
() (
) (
)
()
() (
) (
)
SRC
LED
CC
I+10µA × R1×R2×Rp
R1×R2 + R1×Rp + R2×Rp
DutyCycle
I=
×
R5
V× R1×Rp
+
R1×R2 + R1×Rp + R2×Rp
CC
COMPLIANCE
BRT(MAX)
SRC(MAX)
V-V
-V
I=
R3
Manual Mode:
()
() (
) (
)
()
() (
) (
)
LED
CC
10µA× R1×R2×Rp
R1×R2 + R1×Rp + R2×Rp
DutyCycle
I=
×
R5
V× R2×Rp
+
R1×R2 + R1×Rp + R2×Rp
Example:
Select R5 = 15 ohms; ILED = 20mA max; ISRC clamp at
100µA; VCC = 3.3; ILED in full darkness and 100% duty
cycle = 4mA.
With R5 = 15 ohms; ILED = 20mA max, VBRT(MAX) =
300mV.
With ISRC clamp at 100µA, Vcompliance (LX1970) =
0.68V, VCC = 3.3V, so
()
3.3-0.68-0.3
R3=
=23.2k
100µA


Similar Part No. - LX1994

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
256Kb / 13P
High Efficiency LED Driver
LX1994CDU MICROSEMI-LX1994CDU Datasheet
256Kb / 13P
High Efficiency LED Driver
LX1994CDU-TR MICROSEMI-LX1994CDU-TR Datasheet
256Kb / 13P
High Efficiency LED Driver
LX1994CLD MICROSEMI-LX1994CLD Datasheet
256Kb / 13P
High Efficiency LED Driver
LX1994CLD-TR MICROSEMI-LX1994CLD-TR Datasheet
256Kb / 13P
High Efficiency LED Driver
More results

Similar Description - LX1994

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
Microsemi Corporation
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Microsemi Corporation
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
High Efficiency LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
High Efficiency LED Driver
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com