Electronic Components Datasheet Search
  English  ▼

X  

SM5306 Datasheet(PDF) 1 Page - Silicon Mitus, Inc.

Part # SM5306
Description  High-Efficiency Dual-String with up to 10-WLED White LED Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.

SM5306 Datasheet(HTML) 1 Page - Silicon Mitus, Inc.

  SM5306 Datasheet HTML 1Page - Silicon Mitus, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM5306
© 2017 Silicon Mitus, Inc.
www.siliconmitus.com
August 2018
– Rev. 0.0.0
1 / 1
High-Efficiency Dual-String
with up to 10-WLED White LED Driver
Features
 Drives up to Two Strings of 10 Series LEDs
 11-bit Programmable Dimming Resolution
 Exponential or Linear Brightness Control
 PWM Brightness Control for CABC Operation
 Independent Current Control per String
 Internal Soft-Start Limits Inrush Current
 Wide 2.7 V to 5.5 V Input Voltage Range
 Adaptive Headroom Control
 Selectable Boost Frequency of 500 kHz or 980 kHz with
Optionally Additional Offset
 12-Bump 1.65 mm x 1.43 mm WLCSP Package
 Protections
. Programmable 16 V / 24 V / 32 V / 40 V Overvoltage
Protection
. LED Open / Short Circuit Protection
. Thermal Shutdown
. Current Limit
Applications
 Mobile and Smart Phones LCD Backlight
 Tablets LCD Backlight
 Portable Devices LCD Backlight
Description
The SM5306 is a current mode boost converter which
supplies power and controls current in up to two strings of
10 LEDs per string. Programming is done over an I2C-
compatible interface. The maximum LED current is
adjustable from 5 mA to 28.5 mA. At any given maximum
LED current, the LED brightness is further adjusted with
exponential or linear dimming steps. Additionally, pulsed
width modulation (PWM) brightness control can be
enabled, allowing for LED current adjustment by a logic
level PWM signal.
The boost switching frequency is programmable at 500 kHz
for low switching loss performance or 980 kHz to allow the
use of tiny low-profile inductors. The setting for a 10%
offset of these frequencies is available. Overvoltage
protection is programmable at 16 V, 24 V, 32 V or 40 V to
accommodate a wide variety of LED configurations and
Schottky diode/output capacitor combinations. The
SM5306 is available in a 12-bump, 1.65 mm x 1.43 mm
WLCSP package.
Device Information
Part
Package
Size
SM5306
12 WLCSP
1.65 mm x 1.43 mm
Simplified Block Diagram
Silicon Mitus cannot assume any responsibility for the consequence of use of information furnished nor for any infringement of patents or
other rights of third parties which may result from its use. No Circuit patent licenses are implied. Silicon Mitus reserves the right to change
the circuitry and specifications without notice at any time. This publication supersedes and replaces all information previously supplied. Silicon
Mitus products are not authorized for use as critical components in life support devices or systems without the express written approval of
Silicon Mitus.
© 2017 Silicon Mitus, Inc. - Printed in Korea - All Rights Reserved
Boost
Controller
SW
VLED
Bandgap Voltage/Current
Reference
Protections
LED Open Protection
Over Voltage Protection
Thermal Shutdown
LED Open
Detector
Lowest VILED
Detector
I2C Interface & Control
Brightness
Control
PWM
Sampler
SDA
SCL
SEL
PWM
HWEN
INTN
GND
OVP
ILED1
ILED2
IN
Current Source


Similar Part No. - SM5306

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5306A NPC-SM5306A Datasheet
176Kb / 8P
Low Voltage, 3-channel Video Buffer
SM5306AV NPC-SM5306AV Datasheet
176Kb / 8P
Low Voltage, 3-channel Video Buffer
More results

Similar Description - SM5306

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5350 SILICONMITUS-SM5350 Datasheet
215Kb / 1P
High-Efficiency Three-String with up to 10-WLED White LED Driver
August 2018
logo
Texas Instruments
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
High-Efficiency Dual-String White LED Driver
LM3630A TI-LM3630A Datasheet
520Kb / 45P
LM3630A High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
High-Efficiency Three-String White LED Driver
logo
Monolithic Power System...
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Monolithic Power System...
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com