Electronic Components Datasheet Search
  English  ▼

X  

MPC821 Datasheet(PDF) 155 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 155 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 151Page - NXP Semiconductors MPC821 Datasheet HTML 152Page - NXP Semiconductors MPC821 Datasheet HTML 153Page - NXP Semiconductors MPC821 Datasheet HTML 154Page - NXP Semiconductors MPC821 Datasheet HTML 155Page - NXP Semiconductors MPC821 Datasheet HTML 156Page - NXP Semiconductors MPC821 Datasheet HTML 157Page - NXP Semiconductors MPC821 Datasheet HTML 158Page - NXP Semiconductors MPC821 Datasheet HTML 159Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
APPENDIX B - ADI I/F
The ADI parallel port supplies parallel link from the MPC8XXFADS to various host computers. This
port is connected via a 37 line cable to a special board called ADI (Application Development Interface)
installed in the host computer. Four versions of the ADI board are available to support connection to
IBM-PC/XT/AT, MAC II, VMEbus computers and SUN-4 SPARC stations. It is possible to connect the
MPC281ADS board to these computers provided that the appropriate software drivers are installed
on them.
Each MPC281ADS can have 8 possible slave addresses set for its ADI port, enabling up to 8
MPC281ADS boards to be connected to the same ADI board.
The ADI port connector is a 37 pin, male, D type connector. The connection between the
MPC281ADS and the host computer is by a 37 line flat cable, supplied with the ADI board. FIGURE
A-1 below shows the pin configuration of the connector.
FIGURE A-1 ADI Port Connector
NOTE: Pin 26 on the ADI is connected to +12 v power supply, but it is not used in the MPC281ADS.
B•1
ADI Port Signal Description
The ADI port on the MPC281ADS was slightly modified to generate either hard reset or soft reset.
This feature was added to comply with the MPC’s reset mechanism.
In the list below, the directions ’I’, ’O’, and ’I/O’ are relative to the MPC8XXFADS board. (I.E. ’I’ means
input to the MPC8XXFADS)
NOTE:
Since the ADI was originated for the DSP56001ADS
some of its signals throughout the boards it was used
with, were designated with the prefix "ADS". This
convention is kept with this design also.
•
ADS_SEL(0:2) - ’I’
Gnd
20
N.C.
1
2
Gnd
21
Gnd
22
Gnd
23
Gnd
24
Gnd
25
(+ 12 v) N.C.
26
HST_ACK
3
ADS_SRESET
4
HOST_VCC
ADS_HRESET
ADS_SEL2
ADS_SEL1
ADS_SEL0
5
6
7
8
27
HOST_VCC
HOST_VCC
Gnd
Gnd
HOST_ENABLE~
HOST_REQ
ADS_REQ
ADS_ACK
N.C.
N.C.
N.C.
9
10
11
12
13
14
28
29
30
31
32
Gnd
33
PD0
34
PD2
PD4
PD6
N.C.
PD1
PD3
PD5
PD7
15
16
17
18
19
35
36
37
D_C~
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com