| Electronic Components Datasheet Search |
|
MPC821 Datasheet(PDF) 139 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Datasheet(HTML) 139 Page - NXP Semiconductors |
|
139 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE A•3 U22 - Auxiliary Board Control "****************************************************************************** "****************************************************************************** "* In this file (5): "* 1) The use of BCLOSE~ is removed. This due to the assignment "* BCLOSE~ to GPL4A. In order of using of GPL4A bit in the upm to determine "* data sampling edge, GPL4A may not be used as a GPL. Therefore DramBankXCs~ "* must envelope the cycle so that data buffers remain open throughout the "* cycle. "* 2) Removed CS support for flash configuration. I.e., FlashCs1~ will not be "* asserted during hard reset. Flash configuration will be supported on "* silicon next revisions. "* data buffers will still open for flash configuration when hard reset "* asserted and flash configuration option bit, asserted. "* 3) Since Bclose~ is no longer available, the data buffers will open "* asynchronously. I.e., driven directly by the various chip-selects. "* to provide data hold (0) on write cycles to flash, CSNT bit in the OR "* should be programmed active, while ACS == 00. "****************************************************************************** "* In This file (6), A12 and A11 are removed from the flash selection equation "* since they can select only a 1/2 Mbyte of flash rather then 2Mbyte selection "* needed. Therefore, only one bank of 2 Mbyte flash may be used (MCM29F020). "* The rest of the CS are driven high constantly. "****************************************************************************** "* In this file (7): "* - Pon Reset Out is removed. Pon Reset is driven directly to MPC. "* - Modck0 becomes Modck2 "* - A9 and A10 replace A11 and A12 in flash bank selection "* - Optional BufClose~ is removed. "* - DramEn becomes active-low to support debug-station support changes. "* - Added F_PD(1:3) to support SMART Flash SIMMs. "* - Support for 32KHz crystal - renewed. "****************************************************************************** "* In this file (8): "* - Added protection against data contention for write cycles after "* Flash read cycle. This is achieved using a state-machine which identifies "* end of flash read and a chain of internal gates serving as a delay line. "* This kind of solution guaranties a fixed delay over the data buffer enable "* signal, that is, only after a flash read cycle. "****************************************************************************** "* In this file (9): Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |