Electronic Components Datasheet Search
  English  ▼

X  

CUP45 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CUP45
Description  AC/DC External Desktop 45 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CUP45 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CUP45 Datasheet HTML 1Page - List of Unclassifed Manufacturers CUP45 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
AT2101
12-Bit 6MSPS A/D CONVERTER
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
3
Pin Description
PIN
NAME FUNCTION
PIN
NAME FUNCTION
16
DVDD Digital +5V Supply
23
24
AVDD Analog +5V Supply
1
DGND Digital GND
19
20
AGND Analog GND
2~11 D0~D9 Digital Output Data
D0 (LSB) ~D9
13
14
D10
D11
Digital Output Data
D11 (MSB)
15
OE
Output Enable Control
D0~D11 Output Enabled
When OE = Low
D0~D11 at High Impedance
When OE= High
26
VCM Common-Mode Voltage
Output
12
CLK
Clock Input
27
VIN
Analog Input
17,18
21,22
25,28
NC
Absolute Maximum Ratings (Beyond which damage may occur) 250C
Supply Voltages
VDD …………………………………………...-0.5 to +7.0 V
Input Voltages
Analog Input ………………………………...AGND to VDD
Reference Input Voltage …………………...AGND to VDD
ESD Susceptibility ………………………………± 1,500V
Temperature
Operating Temperature …………..…………-20 to +700C
Junction Temperature ………………………………1750C
Lead Temperature, (Soldering 10 seconds) ……..3000C
Storage Temperature …………………...…-55 to +1250C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com