Electronic Components Datasheet Search
  English  ▼

X  

SRL Datasheet(PDF) 2 Page - IET Labs Inc.

Part # SRL
Description  High-Accuracy, High-Stability Resistance Standards
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

SRL Datasheet(HTML) 2 Page - IET Labs Inc.

  SRL Datasheet HTML 1Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
High-Accuracy, High-Stability
Resistance Standards
SRL Series
Page 2 of 3
SRL Catalog Dec. 2022
Nominal
Value
Model
Number
Adjustment to
Nominal
Stability per
year (max
change)
Max Resistance
Change 18-28°C
from 23 °C
Max Applied Power
Typical change
at 1 kHz
Terminals
0 ppm change*
1 ppm change**
3 ppm change**
1 mΩ
SRL-0.001
±100 ppm
±50 ppm
25 ppm/°C
<100 ppm
4 bp's + gnd
10 mΩ
SRL-0.01
±5 ppm
±15 ppm
5 ppm/°C
25 mW
50 mW
200 mW
4 bp's + gnd
19 mΩ
SRL-0.019
±5 ppm
±15 ppm
5 ppm/°C
25 mW
50 mW
200 mW
4 bp's + gnd
20 mΩ
SRL-0.02
±5 ppm
±15 ppm
5 ppm/°C
25 mW
50 mW
200 mW
4 bp's + gnd
100 mΩ
SRL-0.1
±5 ppm
±12 ppm
2 ppm/°C
50 mW
100 mW
250 mW
4 bp's + gnd
190 mΩ
SRL-0.19
±5 ppm
±12 ppm
2 ppm/°C
50 mW
100 mW
250 mW
4 bp's + gnd
200 mΩ
SRL-0.2
±5 ppm
±12 ppm
2 ppm/°C
50 mW
100 mW
250 mW
4 bp's + gnd
1 Ω
SRL-1
±2 ppm
±8 ppm
3 ppm tot
175 mW
350 mW
850 mW
4 bp's + gnd
1.9 Ω
SRL-1.9
±2 ppm
±8 ppm
3 ppm tot
175 mW
350 mW
850 mW
4 bp's + gnd
2 Ω
SRL-2
±2 ppm
±8 ppm
3 ppm tot
175 mW
350 mW
850 mW
4 bp's + gnd
10 Ω
SRL-10
±2 ppm
±8 ppm
3 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
19 Ω
SRL-19
±2 ppm
±8 ppm
3 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
20 Ω
SRL-20
±2 ppm
±8 ppm
3 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
25 Ω
SRL-25
±2 ppm
±8 ppm
3 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
30 Ω
SRL-30
±2 ppm
±8 ppm
3 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
50 Ω
SRL-50
±2 ppm
±8 ppm
3 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
100 Ω
SRL-100
±2 ppm
±6 ppm
3 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
190 Ω
SRL-190
±2 ppm
±6 ppm
3 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
200 Ω
SRL-200
±2 ppm
±6 ppm
3 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
350 Ω
SRL-350
±2 ppm
±6 ppm
3 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
400 Ω
SRL-400
±2 ppm
±6 ppm
3 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
1 kΩ
SRL-1K
±2 ppm
±6 ppm
3 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
1 kΩ
SRL-1K-TC
±2 ppm
±6 ppm
2 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
1.9 kΩ
SRL-1.9K
±2 ppm
±6 ppm
2 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
2 kΩ
SRL-2K
±2 ppm
±6 ppm
2 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
4 kΩ
SRL-4K
±2 ppm
±4 ppm
2 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
10 kΩ
SRL-10K
±2 ppm
±4 ppm
1.5 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
19 kΩ
SRL-19K
±2 ppm
±4 ppm
2 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
20 kΩ
SRL-20K
±2 ppm
±4 ppm
2 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
100 kΩ
SRL-100K
±2 ppm
±6 ppm
2 ppm tot
100 mW
200 mW
500 mW
<200 ppm
4 bp's + gnd
190 kΩ
SRL-190K
±2 ppm
±8 ppm
2 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
200 kΩ
SRL-200K
±2 ppm
±8 ppm
2 ppm tot
100 mW
200 mW
500 mW
4 bp's + gnd
1 MΩ
SRL-1M
±2 ppm
±8 ppm
2 ppm tot
100 mW
200 mW
500 mW
<1000 ppm
2 bp's + gnd
1.9 MΩ
SRL-1.9M
±2 ppm
±9 ppm
3 ppm tot
100 mW
200 mW
500 mW
2 bp's + gnd
2 MΩ
SRL-2M
±2 ppm
±9 ppm
3 ppm tot
100 mW
200 mW
500 mW
2 bp's + gnd
10 MΩ
SRL-10M
±2 ppm
±9 ppm
3 ppm tot
500 V
1000 V
2500 V
<2 %
2 bp's + gnd
19 MΩ
SRL-19M
±2 ppm
±10 ppm
4 ppm tot
1000 V
2000 V
5000 V
NA
2 bp's + gnd
20 MΩ
SRL-20M
±2 ppm
±10 ppm
4 ppm tot
1000 V
2000 V
5000 V
2 bp's + gnd
100 MΩ
SRL-100M
±10 ppm
±20 ppm
5 ppm/°C
2000 V
4000 V
5000 V
2 bp's + gnd + guard
190 MΩ
SRL-190M
±10 ppm
±20 ppm
5 ppm/°C
2000 V
5000 V
2 bp's + gnd + guard
200 MΩ
SRL-200M
±10 ppm
±20 ppm
5 ppm/°C
5000 V
2 bp's + gnd + guard
1 GΩ
SRL-1G
±0.1%
±200 ppm
23 ppm/°C
5000 V
2 bp's + gnd + guard
1.9 GΩ
SRL-1.9G
±0.1%
±200 ppm
23 ppm/°C
5000 V
2 bp's + gnd + guard
2 GΩ
SRL-2G
±0.1%
±200 ppm
23 ppm/°C
5000 V
2 bp's + gnd + guard
10 GΩ
SRL-10G
±0.1%
±500 ppm
25 ppm/°C
5000 V
2 bp's + gnd + guard
19 GΩ
SRL-19G
±0.1%
±500 ppm
25 ppm/°C
5000 V
2 bp's + gnd + guard
20 GΩ
SRL-20G
±0.1%
±500 ppm
25 ppm/°C
5000 V
2 bp's + gnd + guard
100 GΩ
SRL-100G
±0.3%
±500 ppm
25 ppm/°C
5000 V
2 bp's + gnd + guard
190 GΩ
SRL-190G
±0.3%
±500 ppm
25 ppm/°C
5000 V
2 bp's + gnd + guard
200 GΩ
SRL-200G
±0.3%
±500 ppm
25 ppm/°C
5000 V
2 bp's + gnd + guard
1 TΩ
SRL-1T
±0.5%
±500 ppm
50 ppm/°C
5000 V
2 bp's + gnd + guard
1.9 TΩ
SRL-1.9T
±0.7%
±1000 ppm
100 ppm/°C
5000 V
2 bp's + gnd + guard
2 TΩ
SRL-2T
±0.7%
±1000 ppm
100 ppm/°C
5000 V
2 bp's + gnd + guard
XXX Ω
SRL-XXX
customer-selected value and power specifications
* negligible effect of self-heating; do not exceed voltage limits where given.
** non-permanent self-heating change; exceeding power given for 3 ppm change may cause a permanent change in the resistance.
Please contact IET for high power ratings or for use of the SRL above the power listed in the 3 ppm change column.
Standard model
Select from table above
Custom value
SRL-XXX
DMM direct plug-in
Add -DMM at the end of part number
Transit case for SRL units
SRC-100, for 2 units
SRC-10-n, for n units
-N Option
Dual N-type terminal connections with ground terminal to fully shielded
metal case. Inner enclosure can be separately driven with guard voltage.
SPECIFICATIONS
ORDERING INFORMATION



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com