Electronic Components Datasheet Search
  English  ▼

X  

ICS1893 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiverä
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button ICS1893 Datasheet HTML 101Page - Renesas Technology Corp ICS1893 Datasheet HTML 102Page - Renesas Technology Corp ICS1893 Datasheet HTML 103Page - Renesas Technology Corp ICS1893 Datasheet HTML 104Page - Renesas Technology Corp ICS1893 Datasheet HTML 105Page - Renesas Technology Corp ICS1893 Datasheet HTML 106Page - Renesas Technology Corp ICS1893 Datasheet HTML 107Page - Renesas Technology Corp ICS1893 Datasheet HTML 108Page - Renesas Technology Corp ICS1893 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 153 page
background image
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1893 Rev C 6/6/00
June, 2000
105
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
9.3
ICS1893 Pin Descriptions
The tables in this section list the ICS1893 pins by their functional grouping.
9.3.1
Transformer Interface Pins
Table 9-2 lists the pins for the transformer interface group of pins.
Table 9-2.
Transformer Interface Pins
Pin
Name
Pin
Number
Pin
Type
Pin Description
TP_RXN
14
Input
Twisted-Pair Receive (Data) Negative.
Within this table, see the description at the TP_RXP pin.
TP_RXP
13
Input
Twisted-Pair Receive (Data) Positive.
Data reception of differential analog signals occurs over the TP_RXN
and TP_RXP pair of differential-signal pins. Together these pins
receive the serial bit stream from the UTP cable through an isolation
transformer.
Depending on the operating mode of the remote link partner, the
received data is one of the following types of signals:
• Two-level 10Base-T (that is, Manchester-encoded) signals
• Three-level 100Base-TX, (that is, MLT-3 encoded) signals
The TP_RXN and TP_RXP pins interface directly to an isolation
transformer, which in turn, interfaces with the UTP cable.
TP_TXN
6
Output
Twisted-Pair Transmit (Data) Negative.
Within this table, see the description at the TP_TXP pin.
TP_TXP
5
Output
Twisted-Pair Transmit (Data) Positive.
Differential analog signal transmission occurs over the TP_TXN and
TP_TXP pair of pins. Together these pins drive the serial bit stream
over the UTP cable.
Depending on the operating mode of the ICS1893 MDI, the
current-driven differential driver produces one of the following types of
signals:
• Two-level 10Base-T (that is, Manchester-encoded) signals
• Three-level 100Base-T (that is, MLT-3 encoded) signals
The TP_RXN and TP_RXP pins interface directly to an isolation
transformer, which in turn, drives the UTP cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com