Electronic Components Datasheet Search
  English  ▼

X  

TMPR4955F Datasheet(PDF) 122 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 122 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 118Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 119Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 120Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 121Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 122Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 123Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 124Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 125Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 126Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 168 page
background image
Chapter 6 TX4955A System Interface
6-50
6.3.11
External Read Response
An external agent returns data to the processor in response to a processor read request
by waiting for the processor to move to slave state. The external agent then returns the
data through either a single data cycle or a series of data cycles sufficient to transmit the
requested data. After the last data cycle is issued, the read response is complete and the
processor becomes master (assuming EReq
EReq
EReq
EReq* was not asserted).
If, at the end of the read response cycles, EReq
EReq
EReq
EReq* has been asserted, the processor remains
in slave state until the external agent relinquishes the bus. When the processor is in slave
state and needs access to the SysAD bus, it waits until EReq
EReq
EReq
EReq* is deasserted.
The data identifier associated with a data cycle may indicate that the data transmitted
during that cycle is erroneous; however, an external agent must return a block of data of
the correct size regardless of this erroneous data cycle indication. If a read response
includes one or more erroneous data cycles, the processor takes a bus error.
Read response data must only be delivered to the processor when a processor read
request is pending. The state of the processor is undefined if a read response is presented to
it when no processor read is pending.
An example of a processor single read request followed by a read response is illustrated
in Figure 6.3.19.
EOD
Data
Read
Addr
812
6
11
10
9
7
5
4
3
2
1
SysAD
SCycle
SClock
SysCmd
EOK
EValid
PValid
PMaster
Figure 6.3.19 Single Read Request Followed By Read Response
A read response example for a processor block read with the system interface already in
slave state is illustrated in Figure 6.3.20.
Data 3
Data 2
Data 1
Data 0
EOD
Data
Data
Data
812
6
11
10
9
7
5
4
3
2
1
SysAD
SCycle
SClock
SysCmd
EValid*
PValid*
PMaster*
Figure 6.3.20 Block Read Response, System Interface Already In Slave State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com