Electronic Components Datasheet Search
  English  ▼

X  

B1211 Datasheet(PDF) 7 Page - Harvatek Corporation

Part # B1211
Description  Side View Chip LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B1211 Datasheet(HTML) 7 Page - Harvatek Corporation

Back Button B1211 Datasheet HTML 3Page - Harvatek Corporation B1211 Datasheet HTML 4Page - Harvatek Corporation B1211 Datasheet HTML 5Page - Harvatek Corporation B1211 Datasheet HTML 6Page - Harvatek Corporation B1211 Datasheet HTML 7Page - Harvatek Corporation B1211 Datasheet HTML 8Page - Harvatek Corporation B1211 Datasheet HTML 9Page - Harvatek Corporation B1211 Datasheet HTML 10Page - Harvatek Corporation B1211 Datasheet HTML 11Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Side View Chip LED
B1211TX--05P-000334
Official Product
HT Part No. B1211TX--05P-000334
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
08/09/2017
Version 1.3
Page 7/15
■Chromaticity Coordinate
■Forward Voltage (Vf) Bin:
Color
Bin Code
Spec. Range
TX
G2T
2.55-2.65 V
G3T
2.65-2.75 V
G4T
2.75-2.85 V
H1T
2.85-2.95 V
H2T
2.95-3.05 V
H3T
3.05-3.15 V
H4T
3.15-3.25 V
Note: It maintains a tolerance of ±0.05V on forward voltage measurements


Similar Part No. - B1211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B121120006 ETC2-B121120006 Datasheet
64Kb / 2P
Timers Delay on Release
B121120060 ETC2-B121120060 Datasheet
64Kb / 2P
Timers Delay on Release
B1211RU ETC1-B1211RU Datasheet
150Kb / 2P
Ultra-Wide Input 12W Single & Dual Output DC/DC Con verters
logo
MicroPower Direct, LLC
B1211RU MPD-B1211RU Datasheet
81Kb / 2P
Ultra-Wide Input 12W Single & Dual Output DC/DC Converters
More results

Similar Description - B1211

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HT-B3213FCH INOLUX-HT-B3213FCH Datasheet
943Kb / 16P
Side View RGB Chip LED
logo
Harvatek Corporation
B1101 HARVATEK-B1101 Datasheet
806Kb / 14P
Side View Chip LED
08/02/2017 Version 1.2
B12H1 HARVATEK-B12H1 Datasheet
703Kb / 15P
Side View Chip LED
08/04/2017 Version 1.0
B1861 HARVATEK-B1861 Datasheet
563Kb / 15P
Side View Chip LED
08/04/2017 Version 1.0
B2102 HARVATEK-B2102 Datasheet
726Kb / 14P
Side View Chip LED
06/13/2017 Version 1.1
B2132 HARVATEK-B2132 Datasheet
899Kb / 14P
Side View Chip LED
07/03/2017 Version 1.4
B37B3 HARVATEK-B37B3 Datasheet
1Mb / 15P
Side View Chip LED
03/26/2019 Preliminary
E3113BGR HARVATEK-E3113BGR Datasheet
798Kb / 15P
Side View Chip LED
05/19/2017 Version 1.4
B1101IR HARVATEK-B1101IR Datasheet
798Kb / 14P
Side View Chip LED
02/21/2018 Version 1.0
B12F1IR HARVATEK-B12F1IR Datasheet
762Kb / 14P
Side View Chip LED
02/20/2020 Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com