Electronic Components Datasheet Search
  English  ▼

X  

B1911NG Datasheet(PDF) 4 Page - Harvatek Corporation

Part # B1911NG
Description  Top Mount Chip LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B1911NG Datasheet(HTML) 4 Page - Harvatek Corporation

  B1911NG Datasheet HTML 1Page - Harvatek Corporation B1911NG Datasheet HTML 2Page - Harvatek Corporation B1911NG Datasheet HTML 3Page - Harvatek Corporation B1911NG Datasheet HTML 4Page - Harvatek Corporation B1911NG Datasheet HTML 5Page - Harvatek Corporation B1911NG Datasheet HTML 6Page - Harvatek Corporation B1911NG Datasheet HTML 7Page - Harvatek Corporation B1911NG Datasheet HTML 8Page - Harvatek Corporation B1911NG Datasheet HTML 9Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Top Mount Chip LED
B1911NG--20D-004314
Official Product
HT Part No. B1911NG--20D-004314
Tentative Product
****************
****************
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
11/19/2019
Version 1.0
Page
4/14
Product Specifications
Specification
Material
Quantity
Luminous
Intensity(Iv)
NG:800-1270 mcd
@20mA/ Ts= 25℃;Tolerance: + 10%
Wavelength
NG:515-535 nm
@20mA/ TS= 25℃;Tolerance: + 0.5nm
Vf
NG:2.7-3.9 V
@20mA/ TS= 25℃ ;Tolerance: + 0.05V
Ir
< 10 µA @ VR = 5 V
Resin
Diffused
Epoxy resin
Carrier tape
EIA 481-1A specs
Conductive black tape
Reel
EIA 481-1A specs
Conductive black
Label
HT standard
Paper
Packing bag
220x240mm
Aluminum laminated bag/ no-zipper
One reel per bag
Carton
HT standard
Paper
Non-specified
Others:
Each immediate box consists of 5 reels. The 5 reels may not necessarily have the same lot number or the same bin
combinations of Iv,
λD and Vf. Each reel has a label identifying its specification; the immediate box consists of a product label
as well.
Note :This is shipped test conditions
※Remarks: This product should be operated in forward bias. If a reverse voltage is continuously applied to the product,
such operation can cause migration resulting in LED damage.
ATTENTION: Electrostatic Discharge (ESD) protection
The symbol to the left denotes that ESD precaution is needed. ESD protection for GaP and AlGaAs based
chips is necessary even though they are relatively safe in the presence of low static-electric discharge. Parts
built with AlInGaP, GaN, or/and InGaN based chips are STATIC SENSITIVE devices. ESD precaution must
be taken during design and assembly.
If manual work or processing is needed, please ensure the device is adequately protected from ESD during the process.


Similar Part No. - B1911NG

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B1911 HARVATEK-B1911 Datasheet
946Kb / 14P
Top View Chip LED
07/27/2017 Version 1.2
B1911UYG-20D-000714 HARVATEK-B1911UYG-20D-000714 Datasheet
946Kb / 14P
Top View Chip LED
07/27/2017 Version 1.2
More results

Similar Description - B1911NG

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B1552 HARVATEK-B1552 Datasheet
844Kb / 14P
Top Mount Chip LED
04/20/2017 Version 1.3
B17T2 HARVATEK-B17T2 Datasheet
1Mb / 14P
Top Mount Chip LED
04/24/2019 Version 1.0
B1811 HARVATEK-B1811 Datasheet
721Kb / 14P
Top Mount Chip LED
02/14/2017 Version 1.0
B1931 HARVATEK-B1931 Datasheet
856Kb / 14P
Top Mount Chip LED
01/18/2017 Version 1.3
B1961NB HARVATEK-B1961NB Datasheet
1,001Kb / 14P
Top Mount Chip LED
07/29/2020 Version 1.0
B39D3 HARVATEK-B39D3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
13/04/2018 Version 1.0
B39P3 HARVATEK-B39P3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
13/04/2018 Version 1.0
B3SD3 HARVATEK-B3SD3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
09/04/2018 Version 1.0
B3SK3 HARVATEK-B3SK3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
21/01/2018 Version 1.0
E3743FCH HARVATEK-E3743FCH Datasheet
695Kb / 15P
Top Mount Chip LED
03/02/2017 Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com