Electronic Components Datasheet Search
  English  ▼

X  

B1911NG Datasheet(PDF) 5 Page - Harvatek Corporation

Part # B1911NG
Description  Top Mount Chip LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B1911NG Datasheet(HTML) 5 Page - Harvatek Corporation

  B1911NG Datasheet HTML 1Page - Harvatek Corporation B1911NG Datasheet HTML 2Page - Harvatek Corporation B1911NG Datasheet HTML 3Page - Harvatek Corporation B1911NG Datasheet HTML 4Page - Harvatek Corporation B1911NG Datasheet HTML 5Page - Harvatek Corporation B1911NG Datasheet HTML 6Page - Harvatek Corporation B1911NG Datasheet HTML 7Page - Harvatek Corporation B1911NG Datasheet HTML 8Page - Harvatek Corporation B1911NG Datasheet HTML 9Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Top Mount Chip LED
B1911NG--20D-004314
Official Product
HT Part No. B1911NG--20D-004314
Tentative Product
****************
****************
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
11/19/2019
Version 1.0
Page
5/14
Label Specifications
▓Harvatek P/N:
B
191
1
NG--
20D-
0043
14
▓ Lot No.:
Product
Dice
Current
Taping
PCB
1:Single
20mA
1.
Taping style
2.
Q
’ty
Package
Color
Series Number
1.6(L)x0.8(W)x0.6(H)mm
NG: Green
X001~XZZZ


Similar Part No. - B1911NG

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B1911 HARVATEK-B1911 Datasheet
946Kb / 14P
   Top View Chip LED
07/27/2017 Version 1.2
B1911UYG-20D-000714 HARVATEK-B1911UYG-20D-000714 Datasheet
946Kb / 14P
   Top View Chip LED
07/27/2017 Version 1.2
More results

Similar Description - B1911NG

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B17T2 HARVATEK-B17T2 Datasheet
1Mb / 14P
   Top Mount Chip LED
04/24/2019 Version 1.0
B1961NB HARVATEK-B1961NB Datasheet
1,001Kb / 14P
   Top Mount Chip LED
07/29/2020 Version 1.0
E3743FCH HARVATEK-E3743FCH Datasheet
695Kb / 15P
   Top Mount Chip LED
03/02/2017 Version 1.3
B1811 HARVATEK-B1811 Datasheet
721Kb / 14P
   Top Mount Chip LED
02/14/2017 Version 1.0
B1552 HARVATEK-B1552 Datasheet
844Kb / 14P
   Top Mount Chip LED
04/20/2017 Version 1.3
B1931 HARVATEK-B1931 Datasheet
856Kb / 14P
   Top Mount Chip LED
01/18/2017 Version 1.3
B3SK3 HARVATEK-B3SK3 Datasheet
1Mb / 19P
   Top Mount RGB Chip LED
21/01/2018 Version 1.0
B39D3 HARVATEK-B39D3 Datasheet
1Mb / 19P
   Top Mount RGB Chip LED
13/04/2018 Version 1.0
B39P3 HARVATEK-B39P3 Datasheet
1Mb / 19P
   Top Mount RGB Chip LED
13/04/2018 Version 1.0
B3SD3 HARVATEK-B3SD3 Datasheet
1Mb / 19P
   Top Mount RGB Chip LED
09/04/2018 Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com