Electronic Components Datasheet Search
  English  ▼

X  

LX1993 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1993
Description  High Efficiency LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1993 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1993 Datasheet HTML 1Page - Microsemi Corporation LX1993 Datasheet HTML 2Page - Microsemi Corporation LX1993 Datasheet HTML 3Page - Microsemi Corporation LX1993 Datasheet HTML 4Page - Microsemi Corporation LX1993 Datasheet HTML 5Page - Microsemi Corporation LX1993 Datasheet HTML 6Page - Microsemi Corporation LX1993 Datasheet HTML 7Page - Microsemi Corporation LX1993 Datasheet HTML 8Page - Microsemi Corporation LX1993 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 1.0b, 2005-03-03
LX1993
High Efficiency LED Driver
PRODUCTION
I N T E GRA T ED
PR ODUC T S
APPLI CATI ON I N FORMATI O N
OPERATING THEORY
The LX1993 is a PFM boost converter that is
optimized for driving a string of series connected LEDs. It
operates in a pseudo-hysteretic mode with a fixed switch
“off time” of 300ns. Converter switching is enabled as
LED current decreases causing the voltage across RSET to
decrease to a value less than the voltage at the VADJ pin.
When the voltage across RSET (i.e., VFB) is less than VADJ,
comparator A1 activates the control logic. The control
logic activates the DRV output circuit that connects to the
gate of the internal FET. The output (i.e., SW) is switched
“on” (and remains “on”) until the inductor current ramps up
to the peak current level. This current level is set via the
external RCS resistor and monitored through the CS input by
comparator A2.
The LED load is powered from energy stored in the
output capacitor during the inductor charging cycle. Once
the peak inductor current value is achieved, the output is
turned off (off-time is typically 300ns) allowing a portion
of the energy stored in the inductor to be delivered to the
load (e.g., see Figure 6, channel 2). This causes the output
voltage to continue to rise across RSET at the input to the
feedback circuit. The LX1993 continues to switch until the
voltage at the FB pin exceeds the control voltage at the ADJ
pin. The value of RSET is established by dividing the
maximum adjust voltage by the maximum series LED
current. A minimum value of 15Ω is recommended for
RSET. The voltage at the FB pin is the product of IOUT (i.e.,
the current through the LED chain) and RSET.
⎥⎦
⎢⎣
=
LEDmax
ADJmax
I
V
R
SET
The application of an external voltage source at the
ADJ pin provides for output current adjustment over the
entire dimming range and the designer can select one of
two possible methods. The first option is to connect a
PWM logic signal to the ADJ pin (e.g., see Figure 1). The
LX1993 includes an internal 50pF capacitor to ground that
works with an external resistor to create a low-pass filter
(i.e., filter out the AC component of a pulse width
modulated input of fPWM ≥ 100KHz). The second option is
to adjust the reference voltage directly at the ADJ pin by
applying a DC voltage from 0.0 to 0.3V (e.g., see Figure
2). The adjustment voltage level is selectable (with limited
accuracy) by implementing the voltage divider created
between the external series resistor and the internal 2.5MΩ
resistor. Disabling the LX1993 is achieved by driving the
SHDN pin with a low-level logic signal thus reducing the
device power consumption to approximately 0.5µA (typ).
INDUCTOR SELECTION AND OUTPUT CURRENT LIMIT
PROGRAMMING
Setting the level of peak inductor current to approximately
2X the expected maximum DC input current will minimize
the inductor size, the input ripple current, and the output
ripple voltage. The designer is encouraged to use inductors
that will not saturate at the peak inductor current level. An
inductor value of 47µH is recommended. Choosing a lower
value emphasizes peak current overshoot while choosing a
higher value emphasizes output ripple voltage. The peak
switch current is defined using a resistor placed between the
CS terminal and ground and the IPEAK equation is:
()
CS
SCALE
D
IN
MIN
PEAK
R
I
t
L
V
I
I
+
+
=
The maximum IPEAK value is limited by the ISW value
(max. = 500mA rms). The minimum IPEAK value is defined
when RCS is zero. The minimum IPEAK value is defined when
RCS is zero. A typical value for the minimum peak current
(IMIN) at 25
oC is 197mA. The parameter tD is related to
internal operation of comparator A. A typical value at 25oC
is 850ns. A typical value of ISCALE at 25
oC is 44mA per KΩ.
All of these parameters have an effect on the final IPEAK
value.
DESIGN EXAMPLE:
Determine IPEAK where VIN equals 3.0V and RCS equals
4.02KΩ using nominal values for all other parameters.
() 4.02KΩ
kΩ
44mA
0ns
5
8
47µ7
3.0V
197mA
I
PEAK
×
+
×
+
=
The result of this example yields a nominal IPEAK of
approximately 428mA.
OUTPUT RIPPLE AND CAPACITOR SELECTION
Output voltage ripple is a function of the inductor value
(L), the output capacitor value (COUT), the peak switch
current setting (IPEAK), the load current (IOUT), the input
voltage (VIN) and the output voltage (VOUT) for a this boost
converter regulation scheme. When the switch is first turned
on, the peak-to-peak voltage ripple is a function of the output
droop (as the inductor current charges to IPEAK), the feedback
transition error (i.e., typically 10mV), and the output
overshoot (when the stored energy in the inductor is
delivered to the load at the end of the charging cycle).
Therefore the total ripple voltage is
VRIPPLE = ∆VDROOP + ∆VOVERSHOOT + 10mV
The initial droop can be estimated as follows where the
0.5V value in the denominator is an estimate of the voltage
drop across the inductor and the FET RDS_ON:


Similar Part No. - LX1993

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
More results

Similar Description - LX1993

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com