Electronic Components Datasheet Search
  English  ▼

X  

LX1993 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1993
Description  High Efficiency LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1993 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1993 Datasheet HTML 4Page - Microsemi Corporation LX1993 Datasheet HTML 5Page - Microsemi Corporation LX1993 Datasheet HTML 6Page - Microsemi Corporation LX1993 Datasheet HTML 7Page - Microsemi Corporation LX1993 Datasheet HTML 8Page - Microsemi Corporation LX1993 Datasheet HTML 9Page - Microsemi Corporation LX1993 Datasheet HTML 10Page - Microsemi Corporation LX1993 Datasheet HTML 11Page - Microsemi Corporation LX1993 Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2000
Rev. 1.0b, 2005-03-03
LX1993
High Efficiency LED Driver
PRODUCTION
I N T E GRA T ED
PR ODUC T S
APPLI CATI ON I N FORMATI ON ( C ONTINU E D )
Table 3: Factory Installed Component List for the LX1993 Evaluation Board
Quantity
Part
Reference
Description
Manufacturer
Part
Number
1
CR1
Rectifier, Schottky, 1A, 20V, Powermite Type SMT
Microsemi
UPS5817
1
L1
Inductor, 47uH, 540mA, SMT
Toko
A920CY-470
2
C1, C2
Capacitor, Ceramic X5R, 4.7uF, 25V, 1210 Type SMT
Taiyo Yuden
CETMK325BJ475MN
2
C3, C4
Capacitor, Ceramic X7R, 0.1uF, 50V, 0805 Type SMT
Murata
GRM40X7R104M050
1
R4
Resistor, 15 Ohm, 1/10W, 0805 Type SMT
Panasonic
ERJ6ENF15R0
1
R3
Resistor, 590K, 1/16W, 0603 Type SMT
Panasonic
ERJ3EKF5903
1
R2
Resistor, 100, 1/16W, 0603 Type SMT
Panasonic
ERJ3EKF1000
2
R6, R8
Resistor, 100K, 1/16W, 0603 Type SMT
Panasonic
ERJ3EKF1003
1
R1, R5
Resistor, 10K, 1/16W, 0603 Type SMT
Panasonic
ERJ3EKF1002
1
R7
Trimpot, 50K, 1/2W, Through Hole Type
Bourns
3352E-1-503
1
VR1
IC, Voltage Reference, 1.25 Volts, SOT23 Type SMT
Microsemi
LX432CSC
1
VR2
Diode, Zener, 20V, 1W Powermite Type SMT
Microsemi
1PMT4114
4
LED1 - 4
White LED
Chicago Miniature
CMD333UWC
5
JB1 - JB3
Header, 3 Pos Vertical Type
3M
929647-09-36
5
Jumper
3M
929955-06
Note: The minimum set of parts needed to build a working power supply are: CR1, L1, C1, C2, R2, R4, U1. Evaluation board P/L subject to change
without notice.
VBAT
VADJ
VCC
VPOT
GND
VCC
SHDN
VADJ
VPOT
C1
4.7µF
25V
L1
47µH
CR1
UPS5817
C2
4.7µF
25V
VR2
20V
1W
1PMT4114
CMD333UWC
CMD333UWC
CMD333UWC
CMD333UWC
VOUT
VFDBK
R1
10k
C3
0.1µF
50V
R3
590K
C4
4.7µF
25V
R5 10k
R6
100k
R7
50k
VR1
LX432
R4
15Ω
OUT
GND
ADJ
CS
FB
SW
IN
SHDN
R2
100Ω
R8
100K
LED4 LED3
ON
OFF
Figure 4
– LXE1993 Boost Evaluation Board Schematic


Similar Part No. - LX1993

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
More results

Similar Description - LX1993

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com