Electronic Components Datasheet Search
  English  ▼

X  

LX1993 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1993
Description  High Efficiency LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1993 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1993 Datasheet HTML 1Page - Microsemi Corporation LX1993 Datasheet HTML 2Page - Microsemi Corporation LX1993 Datasheet HTML 3Page - Microsemi Corporation LX1993 Datasheet HTML 4Page - Microsemi Corporation LX1993 Datasheet HTML 5Page - Microsemi Corporation LX1993 Datasheet HTML 6Page - Microsemi Corporation LX1993 Datasheet HTML 7Page - Microsemi Corporation LX1993 Datasheet HTML 8Page - Microsemi Corporation LX1993 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 1.0b, 2005-03-03
LX1993
High Efficiency LED Driver
PRODUCTION
I N T E GRA T ED
PR ODUC T S
DESCRI PTI O N
The LX1993 is a high efficiency
step-up boost converter that features a
psuedo-hysteretic pulse frequency
modulation topology for driving
white or color LEDs in backlight or
frontlight systems.
Designed for
maximum efficiency, reduced board
size, and minimal cost, the LX1993 is
ideal for PDA and digital camera
applications. The LX1993 features an
internal N-Channel MOSFET and
control circuitry that is optimized for
portable system design applications.
The LX1993 promotes improved
performance
in
battery-operated
systems by operating with a quiescent
supply current 70µA (typical) and a
shutdown current of less than 1µA.
The input voltage range is from 1.6V
to 6.0V thus allowing for a broad
selection
of
battery
voltage
applications
and
start-up
is
guaranteed at 1.6V input.
The LX1993 is capable of switching
currents in excess of 300mA and the
output current is readily programmed
using one external current sense
resistor in series with the LEDs. This
configuration provides a feedback
signal to the FB pin thus maintaining
constant output current regardless of
varying LED forward voltage (VF).
The LX1993 provides an additional
feature for simple dynamic adjustment
of the output current (i.e., up to 100%
of the maximum programmed current).
Designers can make this adjustment by
generating an analog reference signal
or a PWM signal applied directly to
the ADJ pin and any PWM amplitude
is readily accommodated via a single
external resistor.
The LX1993 is
available in the 8-Pin MSOP and thus
requires a very small PCB area.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
> 80% Maximum Efficiency
70µA Typical Quiescent Supply
Current
Externally Programmable Peak
Inductor Current Limit For
Maximum Efficiency
Logic Controlled Shutdown
< 1µA Shutdown Current
Dynamic Output Current
Adjustment Via Analog
Reference Or Direct PWM Input
8-Pin MSOP Package
APPLICATIONS
Pagers
Wireless Phones
PDAs
Handheld Computers
LED Driver
Digital Camera Displays
PRODUCT H I GHLIGHT
LX1993
GND
FB
CS
SW
SHDN
IN
ADJ
OUT
ON OFF
Li-Ion
PACKAGE ORDER INFO
DU
Plastic MSOP
8-Pin
TA (
°C)
RoHS Compliant / Pb-free
Transition DC: 0432
0 to 70
LX1993CDU
Note: Available in Tape & Reel. Append the letters “TR” to the part
number. (i.e. LX1993CDU-TR)


Similar Part No. - LX1993

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
Dual Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
213Kb / 11P
Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
262Kb / 11P
Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
Dual Programmable LED Current Sink
More results

Similar Description - LX1993

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Microsemi Corporation
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
High Efficiency LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
High Efficiency LED Driver
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com