Electronic Components Datasheet Search
  English  ▼

X  

LX1993 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX1993
Description  High Efficiency LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1993 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX1993 Datasheet HTML 4Page - Microsemi Corporation LX1993 Datasheet HTML 5Page - Microsemi Corporation LX1993 Datasheet HTML 6Page - Microsemi Corporation LX1993 Datasheet HTML 7Page - Microsemi Corporation LX1993 Datasheet HTML 8Page - Microsemi Corporation LX1993 Datasheet HTML 9Page - Microsemi Corporation LX1993 Datasheet HTML 10Page - Microsemi Corporation LX1993 Datasheet HTML 11Page - Microsemi Corporation LX1993 Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 10
Copyright
© 2000
Rev. 1.0b, 2005-03-03
LX1993
High Efficiency LED Driver
PRODUCTION
I N T E GRA T ED
PR ODUC T S
CHARACT ER I S TI C CURVES
1.00
1.10
1.20
1.30
1.40
025
50
75
Temperature oC
Figure 11: RDS(on) vs. Temperature
Condition: VIN = 3.0V; ISW = 10mA
0.80
0.90
1.00
1.10
025
50
75
Temperature oC
Figure 12: RDS(on) vs. Temperature
Condition: VIN = 5.0V; ISW = 10mA
125.00
130.00
135.00
140.00
145.00
025
50
75
Temperature oC
Figure 13: IMIN versus Temperature.
Condition: VIN = 3.0V
3.00
4.00
5.00
6.00
7.00
025
50
75
Temperature oC
Figure 14: ICS versus Temperature.
Condition: VIN = 3.0V
Figure 15: Start-Up Waveforms.
Condition: VIN = 3.6V, CH1 = VOUT, CH2 = VSW, CH4 = IL


Similar Part No. - LX1993

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
More results

Similar Description - LX1993

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com