Electronic Components Datasheet Search
  English  ▼

X  

B39P3 Datasheet(PDF) 5 Page - Harvatek Corporation

Part # B39P3
Description  Top Mount RGB Chip LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B39P3 Datasheet(HTML) 5 Page - Harvatek Corporation

  B39P3 Datasheet HTML 1Page - Harvatek Corporation B39P3 Datasheet HTML 2Page - Harvatek Corporation B39P3 Datasheet HTML 3Page - Harvatek Corporation B39P3 Datasheet HTML 4Page - Harvatek Corporation B39P3 Datasheet HTML 5Page - Harvatek Corporation B39P3 Datasheet HTML 6Page - Harvatek Corporation B39P3 Datasheet HTML 7Page - Harvatek Corporation B39P3 Datasheet HTML 8Page - Harvatek Corporation B39P3 Datasheet HTML 9Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Top Mount RGB Chip LED
B39P3RGB-F6
Official Product
HT Part No. B39P3RGB-F6
Customer Part No.
Data Sheet No.
Tentative Product
****************
****************
Specifications are subject to changes for improvement without
advance notice. Proprietary data, drawings, company confidential
all rights reserved.
13/04/2018
Version 1.0
Page
5/19
Others:
Each immediate box consists of 28 reels. The 28 reels may not necessarily have the same lot number or the same bin
combinations of Iv, λD and Vf. Each reel has a label identifying its specification; the immediate box consists of a product
label.
(每一中箱有 28 捲捲帶,28 捲的捲帶不一定有一致的亮度、波長、順向偏壓或是批號。每一份捲帶都有其標籤定
義出規格)
Note :This is shipped test conditions
(註:此為出廠檢驗條件)
※Remarks: This product should be operated in forward bias. If a reverse voltage is continuously applied to the product,
such operation can cause migration resulting in LED damage.
(※備註:產品應於順向偏壓下操作,假如長期使用於逆向偏壓下可能形成電致遷移導致 LED 損壞。)
ATTENTION: Electrostatic Discharge (ESD) protection
(注意!!靜電放電保護)
The symbol to the left denotes that ESD precaution is needed. ESD protection for GaP and AlGaAs based
chips is necessary even though they are relatively safe in the presence of low static-electric discharge. Parts
built with AlInGaP, GaN, or/and InGaN based chips are STATIC SENSITIVE devices. ESD precaution must be
taken during design and assembly.
If manual work or processing is needed, please ensure the device is adequately protected from ESD during the process.
(左圖為須做靜電保護標誌。晶片中磷化鎵和砷化鋁鎵即便是在有相當安全的靜電放電的措施下,對於 ESD 的
保護還是必要的。建構於磷化鋁銦鎵、氮化鎵或氮化銦鎵的晶片都是靜電敏感元件。在設計與組件中作的靜電保
護都是必須的。
假設人工作業程序是必須的,須確保設備製程是擁有靜電保護的程序)


Similar Part No. - B39P3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B390 DIODES-B390 Datasheet
45Kb / 2P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
Weitron Technology
B390 WEITRON-B390 Datasheet
219Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B390 WEITRON-B390 Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B390 DIODES-B390 Datasheet
217Kb / 3P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
B390-13-F DIODES-B390-13-F Datasheet
217Kb / 3P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
More results

Similar Description - B39P3

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B3DB3BRG-05C000113U1930 HARVATEK-B3DB3BRG-05C000113U1930 Datasheet
1Mb / 17P
Top view ICRGB Chip LED
11/09/2021 Version1.0
B3DK3BRG-05C000113U1930 HARVATEK-B3DK3BRG-05C000113U1930 Datasheet
1,017Kb / 15P
Top view ICRGB Chip LED
04/27/2022 Version 1.0
B3DQ3BRG-05C0001L3U1930 HARVATEK-B3DQ3BRG-05C0001L3U1930 Datasheet
943Kb / 15P
Top view ICRGB Chip LED
04/14/2022 Version 1.0
B36H3 HARVATEK-B36H3 Datasheet
1Mb / 16P
Top Mount RGB Chip LED
19/10/2018 Version 1.0
B36J3 HARVATEK-B36J3 Datasheet
1Mb / 16P
Top Mount RGB Chip LED
04/10/2018 Version 1.0
B39D3 HARVATEK-B39D3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
13/04/2018 Version 1.0
B3SD3 HARVATEK-B3SD3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
09/04/2018 Version 1.0
B3SK3 HARVATEK-B3SK3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
21/01/2018 Version 1.0
E3623RGB HARVATEK-E3623RGB Datasheet
660Kb / 15P
Top View RGB Chip LED
07/04/2017 Version 1.3
E3823RGB HARVATEK-E3823RGB Datasheet
714Kb / 15P
Top View RGB Chip LED
01/20/2015 Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com