Electronic Components Datasheet Search
  English  ▼

X  

B39P3 Datasheet(PDF) 7 Page - Harvatek Corporation

Part # B39P3
Description  Top Mount RGB Chip LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B39P3 Datasheet(HTML) 7 Page - Harvatek Corporation

Back Button B39P3 Datasheet HTML 3Page - Harvatek Corporation B39P3 Datasheet HTML 4Page - Harvatek Corporation B39P3 Datasheet HTML 5Page - Harvatek Corporation B39P3 Datasheet HTML 6Page - Harvatek Corporation B39P3 Datasheet HTML 7Page - Harvatek Corporation B39P3 Datasheet HTML 8Page - Harvatek Corporation B39P3 Datasheet HTML 9Page - Harvatek Corporation B39P3 Datasheet HTML 10Page - Harvatek Corporation B39P3 Datasheet HTML 11Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Top Mount RGB Chip LED
B39P3RGB-F6
Official Product
HT Part No. B39P3RGB-F6
Customer Part No.
Data Sheet No.
Tentative Product
****************
****************
Specifications are subject to changes for improvement without
advance notice. Proprietary data, drawings, company confidential
all rights reserved.
13/04/2018
Version 1.0
Page
7/19
Lot No.(批次)
1
2
3
4
5
6
7
8
9
10
1
7
N
E
4
1
L
N
1
1
Code 1 2
Code 3
Code 4
Code 5
Code 6
Code 7
Code 8
Code 9
Code 10
Mfg.Year Mfg.Month Consecutive number
Special code
Internal Tracing Code
Mixing
Lot No.
2010-A
2011-B
2012-C
2013-D
2014-E
.
.
.
1:Jan
2:Feb
……
A:Oct
B:Nov
C:Dec
01~ZZ
000~ZZZ


Similar Part No. - B39P3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B390 DIODES-B390 Datasheet
45Kb / 2P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
Weitron Technology
B390 WEITRON-B390 Datasheet
219Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B390 WEITRON-B390 Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B390 DIODES-B390 Datasheet
217Kb / 3P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
B390-13-F DIODES-B390-13-F Datasheet
217Kb / 3P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
More results

Similar Description - B39P3

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B3DB3BRG-05C000113U1930 HARVATEK-B3DB3BRG-05C000113U1930 Datasheet
1Mb / 17P
Top view ICRGB Chip LED
11/09/2021 Version1.0
B3DK3BRG-05C000113U1930 HARVATEK-B3DK3BRG-05C000113U1930 Datasheet
1,017Kb / 15P
Top view ICRGB Chip LED
04/27/2022 Version 1.0
B3DQ3BRG-05C0001L3U1930 HARVATEK-B3DQ3BRG-05C0001L3U1930 Datasheet
943Kb / 15P
Top view ICRGB Chip LED
04/14/2022 Version 1.0
B36H3 HARVATEK-B36H3 Datasheet
1Mb / 16P
Top Mount RGB Chip LED
19/10/2018 Version 1.0
B36J3 HARVATEK-B36J3 Datasheet
1Mb / 16P
Top Mount RGB Chip LED
04/10/2018 Version 1.0
B39D3 HARVATEK-B39D3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
13/04/2018 Version 1.0
B3SD3 HARVATEK-B3SD3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
09/04/2018 Version 1.0
B3SK3 HARVATEK-B3SK3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
21/01/2018 Version 1.0
E3623RGB HARVATEK-E3623RGB Datasheet
660Kb / 15P
Top View RGB Chip LED
07/04/2017 Version 1.3
E3823RGB HARVATEK-E3823RGB Datasheet
714Kb / 15P
Top View RGB Chip LED
01/20/2015 Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com