Electronic Components Datasheet Search
  English  ▼

X  

E1221 Datasheet(PDF) 13 Page - Harvatek Corporation

Part # E1221
Description  Top View Chip LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

E1221 Datasheet(HTML) 13 Page - Harvatek Corporation

Back Button E1221 Datasheet HTML 7Page - Harvatek Corporation E1221 Datasheet HTML 8Page - Harvatek Corporation E1221 Datasheet HTML 9Page - Harvatek Corporation E1221 Datasheet HTML 10Page - Harvatek Corporation E1221 Datasheet HTML 11Page - Harvatek Corporation E1221 Datasheet HTML 12Page - Harvatek Corporation E1221 Datasheet HTML 13Page - Harvatek Corporation E1221 Datasheet HTML 14Page - Harvatek Corporation E1221 Datasheet HTML 15Page - Harvatek Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Top View Chip LED
E1221TX--05P-000114
Official Product
HT Part No. E1221TX--05P-000114
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
08/04/2017
Version 1.2
Page 13/15
Dry Pack
All SMD optical devices are MOISTURE SENSITIVE. Avoid exposure to moisture at all times
during transportation or storage. Every reel is packaged in a moisture protected anti-static bag.
Each bag is properly sealed prior to shipment.
A humidity indicator will be included in the moisture protected anti-static bag prior to shipment.
The packaging sequence is as follows:
Baking
Baking before soldering is recommended when the package has been unsealed for 4 weeks.
The conditions are as followings:
1.
60±3℃×(12~24hrs)and<5%RH, taped reel type.
2.
100±3℃×(45min~1hr), bulk type.
3.
130±3℃×(15min~30min), bulk type.
Precautions
1.
Avoid exposure to moisture at all times during transportation or storage.
2.
Anti-Static precaution must be taken when handling GaN, InGaN, and AlInGaP products.
3.
It is suggested to connect the unit with a current limiting resistor of the proper size. Avoid
applying a reverse voltage beyond the specified limit.
4.
Avoid operation beyond the limits as specified by the absolute maximum ratings.
5.
Avoid direct contact with the surface through which the LED emits light.
6.
If possible, assemble the unit in a clean room or dust-free environment.


Similar Part No. - E1221

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
E122 YUXIANG-E122 Datasheet
51Kb / 1P
   EI Core
logo
MicroPower Direct, LLC
E122 MPD-E122 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
3M Electronics
E1220 3M-E1220 Datasheet
1Mb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
E1220H 3M-E1220H Datasheet
39Kb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive High Plateside Adhesion
logo
Panasonic Semiconductor
E122222 PANASONIC-E122222 Datasheet
236Kb / 8P
   DIN 48 SIZE LCD ELECTRONIC COUNTER
More results

Similar Description - E1221

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B0211 HARVATEK-B0211 Datasheet
587Kb / 15P
   Top View Chip LED
05/06/2017 Preliminary
B1501 HARVATEK-B1501 Datasheet
717Kb / 14P
   Top View Chip LED
07/13/2017 Version 1.3
B19Y1 HARVATEK-B19Y1 Datasheet
630Kb / 15P
   Top View Chip LED
05/19/2017 Version 1.1
B15H2HRRC HARVATEK-B15H2HRRC Datasheet
838Kb / 15P
   Top View Chip LED
04/24/2018 Preliminary
B3803RGB HARVATEK-B3803RGB Datasheet
862Kb / 15P
   Top view Chip LED
07/28/2017 Version 1.2
B3813BRG HARVATEK-B3813BRG Datasheet
683Kb / 15P
   Top view Chip LED
07/03/2017 Version 1.5
B15T1IRP HARVATEK-B15T1IRP Datasheet
841Kb / 14P
   Top View Chip LED
05/08/2018 Preliminary
B1701IR HARVATEK-B1701IR Datasheet
890Kb / 14P
   Top View Chip LED
02/25/2020 Version 1.2
B1701IRP HARVATEK-B1701IRP Datasheet
893Kb / 14P
   Top View Chip LED
07/29/2019 Version 1.2
B1701 HARVATEK-B1701 Datasheet
815Kb / 14P
   Top View Chip LED
07/24/2017 Version 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com