Electronic Components Datasheet Search
  English  ▼

X  

E1221 Datasheet(PDF) 15 Page - Harvatek Corporation

Part # E1221
Description  Top View Chip LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

E1221 Datasheet(HTML) 15 Page - Harvatek Corporation

Back Button E1221 Datasheet HTML 7Page - Harvatek Corporation E1221 Datasheet HTML 8Page - Harvatek Corporation E1221 Datasheet HTML 9Page - Harvatek Corporation E1221 Datasheet HTML 10Page - Harvatek Corporation E1221 Datasheet HTML 11Page - Harvatek Corporation E1221 Datasheet HTML 12Page - Harvatek Corporation E1221 Datasheet HTML 13Page - Harvatek Corporation E1221 Datasheet HTML 14Page - Harvatek Corporation E1221 Datasheet HTML 15Page - Harvatek Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Top View Chip LED
E1221TX--05P-000114
Official Product
HT Part No. E1221TX--05P-000114
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
08/04/2017
Version 1.2
Page 15/15
Cautions of Pick and Place
 Avoid stress on the resin at elevated temperature.
 Avoid rubbing or scraping the resin by any object.
 Electric-static may cause damage to the component. Please ensure that the equipment
is properly grounded. Use of an ionizer fan is recommended.
Revise History
Rev.
Descriptions
Date
Page
1.0
-
07/28/2014
-
1.1
Renew IV
08/12/2014
P.4&6
1.2
Renew Form
08/04/2017
-


Similar Part No. - E1221

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
E122 YUXIANG-E122 Datasheet
51Kb / 1P
   EI Core
logo
MicroPower Direct, LLC
E122 MPD-E122 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
3M Electronics
E1220 3M-E1220 Datasheet
1Mb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
E1220H 3M-E1220H Datasheet
39Kb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive High Plateside Adhesion
logo
Panasonic Semiconductor
E122222 PANASONIC-E122222 Datasheet
236Kb / 8P
   DIN 48 SIZE LCD ELECTRONIC COUNTER
More results

Similar Description - E1221

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B0211 HARVATEK-B0211 Datasheet
587Kb / 15P
   Top View Chip LED
05/06/2017 Preliminary
B1501 HARVATEK-B1501 Datasheet
717Kb / 14P
   Top View Chip LED
07/13/2017 Version 1.3
B19Y1 HARVATEK-B19Y1 Datasheet
630Kb / 15P
   Top View Chip LED
05/19/2017 Version 1.1
B15H2HRRC HARVATEK-B15H2HRRC Datasheet
838Kb / 15P
   Top View Chip LED
04/24/2018 Preliminary
B3803RGB HARVATEK-B3803RGB Datasheet
862Kb / 15P
   Top view Chip LED
07/28/2017 Version 1.2
B3813BRG HARVATEK-B3813BRG Datasheet
683Kb / 15P
   Top view Chip LED
07/03/2017 Version 1.5
B15T1IRP HARVATEK-B15T1IRP Datasheet
841Kb / 14P
   Top View Chip LED
05/08/2018 Preliminary
B1701IR HARVATEK-B1701IR Datasheet
890Kb / 14P
   Top View Chip LED
02/25/2020 Version 1.2
B1701IRP HARVATEK-B1701IRP Datasheet
893Kb / 14P
   Top View Chip LED
07/29/2019 Version 1.2
B1701 HARVATEK-B1701 Datasheet
815Kb / 14P
   Top View Chip LED
07/24/2017 Version 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com