Electronic Components Datasheet Search
  English  ▼

X  

E3113BGR Datasheet(PDF) 4 Page - Harvatek Corporation

Part # E3113BGR
Description  Side View Chip LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

E3113BGR Datasheet(HTML) 4 Page - Harvatek Corporation

  E3113BGR Datasheet HTML 1Page - Harvatek Corporation E3113BGR Datasheet HTML 2Page - Harvatek Corporation E3113BGR Datasheet HTML 3Page - Harvatek Corporation E3113BGR Datasheet HTML 4Page - Harvatek Corporation E3113BGR Datasheet HTML 5Page - Harvatek Corporation E3113BGR Datasheet HTML 6Page - Harvatek Corporation E3113BGR Datasheet HTML 7Page - Harvatek Corporation E3113BGR Datasheet HTML 8Page - Harvatek Corporation E3113BGR Datasheet HTML 9Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Side View Chip LED
E3113BGR-10D-0003Q3
7
Official Product
HT Part No. E3113BRG-10D-0003Q3
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
05/19/2017
Version 1.4
Page 4/15
Product Specifications
Item
Specification
Material
Quantity
Luminous
Intensity(Iv)
285-715mcd
@10mA/ Ts= 25℃;Tolerance: + 10%
Chromaticity
Coordinate
As page 6 & 7
@10 mA/ TS = 25℃;Tolerance: + 0.007
Vf
R:1.7-2.3V
G & B:2.7-3.45 V
@10mA/ TS= 25℃ ;Tolerance: + 0.05V
Ir
< 10 µA @ VR = 5 V
Resin
Diffused
Epoxy
Carrier tape
EIA 481-1A specs
Conductive black tape
Reel
EIA 481-1A specs
Conductive black
Label
HT standard
Paper
Packing bag
220x240mm
Aluminum laminated bag/ no-zipper
One reel per bag
Carton
HT standard
Paper
Non-specified
Others:
Each immediate box consists of 5 reels. The 5 reels may not necessarily have the same lot number or the same bin
combinations of Iv,
λD and Vf. Each reel has a label identifying its specification; the immediate box consists of a product label
as well.
Note :This is shipped test conditions
※Remarks: This product should be operated in forward bias. If a reverse voltage is continuously applied to the product,
such operation can cause migration resulting in LED damage.
ATTENTION: Electrostatic Discharge (ESD) protection
The symbol to the left denotes that ESD precaution is needed. ESD protection for GaP and AlGaAs based
chips is necessary even though they are relatively safe in the presence of low static-electric discharge. Parts
built with AlInGaP, GaN, or/and InGaN based chips are STATIC SENSITIVE devices. ESD precaution must
be taken during design and assembly.
If manual work or processing is needed, please ensure the device is adequately protected from ESD during the process.


Similar Part No. - E3113BGR

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E31 GILWAY-E31 Datasheet
1Mb / 17P
Miniature LEDs
logo
ZF Friedrichshafen AG
E31 ZFSWITCHES-E31 Datasheet
1Mb / 5P
High temperature versions optional
logo
Mitsumi Electronics, Co...
E31-010-210-AGKA MITSUMI-E31-010-210-AGKA Datasheet
169Kb / 2P
Memory Stick??Connectors
logo
Ferroxcube Internationa...
E31-3C90 FERROXCUBE-E31-3C90 Datasheet
44Kb / 3P
E cores and accessories
E31-3C90-A250 FERROXCUBE-E31-3C90-A250 Datasheet
44Kb / 3P
E cores and accessories
More results

Similar Description - E3113BGR

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HT-B3213FCH INOLUX-HT-B3213FCH Datasheet
943Kb / 16P
Side View RGB Chip LED
logo
Harvatek Corporation
B1101 HARVATEK-B1101 Datasheet
806Kb / 14P
Side View Chip LED
08/02/2017 Version 1.2
B1211 HARVATEK-B1211 Datasheet
741Kb / 15P
Side View Chip LED
08/09/2017 Version 1.3
B12H1 HARVATEK-B12H1 Datasheet
703Kb / 15P
Side View Chip LED
08/04/2017 Version 1.0
B1861 HARVATEK-B1861 Datasheet
563Kb / 15P
Side View Chip LED
08/04/2017 Version 1.0
B2102 HARVATEK-B2102 Datasheet
726Kb / 14P
Side View Chip LED
06/13/2017 Version 1.1
B2132 HARVATEK-B2132 Datasheet
899Kb / 14P
Side View Chip LED
07/03/2017 Version 1.4
B37B3 HARVATEK-B37B3 Datasheet
1Mb / 15P
Side View Chip LED
03/26/2019 Preliminary
B1101IR HARVATEK-B1101IR Datasheet
798Kb / 14P
Side View Chip LED
02/21/2018 Version 1.0
B12F1IR HARVATEK-B12F1IR Datasheet
762Kb / 14P
Side View Chip LED
02/20/2020 Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com