Electronic Components Datasheet Search
  English  ▼

X  

E3113BGR Datasheet(PDF) 5 Page - Harvatek Corporation

Part # E3113BGR
Description  Side View Chip LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

E3113BGR Datasheet(HTML) 5 Page - Harvatek Corporation

  E3113BGR Datasheet HTML 1Page - Harvatek Corporation E3113BGR Datasheet HTML 2Page - Harvatek Corporation E3113BGR Datasheet HTML 3Page - Harvatek Corporation E3113BGR Datasheet HTML 4Page - Harvatek Corporation E3113BGR Datasheet HTML 5Page - Harvatek Corporation E3113BGR Datasheet HTML 6Page - Harvatek Corporation E3113BGR Datasheet HTML 7Page - Harvatek Corporation E3113BGR Datasheet HTML 8Page - Harvatek Corporation E3113BGR Datasheet HTML 9Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Side View Chip LED
E3113BGR-10D-0003Q3
7
Official Product
HT Part No. E3113BRG-10D-0003Q3
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
05/19/2017
Version 1.4
Page 5/15
Label Specifications
■Harvatek P/N:
E
311
3
BGR-
10D-
0003
Q3
■ Lot No.:
Product
Dice
Current
Taping
PCB+Zener
3: Tri
10mA
1.
Taping style
2.
Q’ty
Package
Color
Series Number
3.2(L)x1.5(W)x1.0(H) mm
BGR:White
X001~XZZZ


Similar Part No. - E3113BGR

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E31 GILWAY-E31 Datasheet
1Mb / 17P
Miniature LEDs
logo
ZF Friedrichshafen AG
E31 ZFSWITCHES-E31 Datasheet
1Mb / 5P
High temperature versions optional
logo
Mitsumi Electronics, Co...
E31-010-210-AGKA MITSUMI-E31-010-210-AGKA Datasheet
169Kb / 2P
Memory Stick??Connectors
logo
Ferroxcube Internationa...
E31-3C90 FERROXCUBE-E31-3C90 Datasheet
44Kb / 3P
E cores and accessories
E31-3C90-A250 FERROXCUBE-E31-3C90-A250 Datasheet
44Kb / 3P
E cores and accessories
More results

Similar Description - E3113BGR

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HT-B3213FCH INOLUX-HT-B3213FCH Datasheet
943Kb / 16P
Side View RGB Chip LED
logo
Harvatek Corporation
B1101 HARVATEK-B1101 Datasheet
806Kb / 14P
Side View Chip LED
08/02/2017 Version 1.2
B1211 HARVATEK-B1211 Datasheet
741Kb / 15P
Side View Chip LED
08/09/2017 Version 1.3
B12H1 HARVATEK-B12H1 Datasheet
703Kb / 15P
Side View Chip LED
08/04/2017 Version 1.0
B1861 HARVATEK-B1861 Datasheet
563Kb / 15P
Side View Chip LED
08/04/2017 Version 1.0
B2102 HARVATEK-B2102 Datasheet
726Kb / 14P
Side View Chip LED
06/13/2017 Version 1.1
B2132 HARVATEK-B2132 Datasheet
899Kb / 14P
Side View Chip LED
07/03/2017 Version 1.4
B37B3 HARVATEK-B37B3 Datasheet
1Mb / 15P
Side View Chip LED
03/26/2019 Preliminary
B1101IR HARVATEK-B1101IR Datasheet
798Kb / 14P
Side View Chip LED
02/21/2018 Version 1.0
B12F1IR HARVATEK-B12F1IR Datasheet
762Kb / 14P
Side View Chip LED
02/20/2020 Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com