Electronic Components Datasheet Search
  English  ▼

X  

E3113BGR Datasheet(PDF) 6 Page - Harvatek Corporation

Part # E3113BGR
Description  Side View Chip LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

E3113BGR Datasheet(HTML) 6 Page - Harvatek Corporation

Back Button E3113BGR Datasheet HTML 2Page - Harvatek Corporation E3113BGR Datasheet HTML 3Page - Harvatek Corporation E3113BGR Datasheet HTML 4Page - Harvatek Corporation E3113BGR Datasheet HTML 5Page - Harvatek Corporation E3113BGR Datasheet HTML 6Page - Harvatek Corporation E3113BGR Datasheet HTML 7Page - Harvatek Corporation E3113BGR Datasheet HTML 8Page - Harvatek Corporation E3113BGR Datasheet HTML 9Page - Harvatek Corporation E3113BGR Datasheet HTML 10Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Side View Chip LED
E3113BGR-10D-0003Q3
7
Official Product
HT Part No. E3113BRG-10D-0003Q3
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
05/19/2017
Version 1.4
Page 6/15
Specifications Range
■Luminous Intensity (Iv) Bin:
Color
Bin Code
Spec. Range
BGR
T
285.0-360.0 mcd
U
360.0-450.0 mcd
V
450.0-560.0 mcd
W
560.0-715.0 mcd
Note: It maintains a tolerance of ±10% on luminous intensity
■Color Bin:
Bin Code
Spec. Range
BGR
SS
0.2350
0.2500
0.2570
0.2600
0.2570
0.3100
0.2350
0.3000
TT
0.2130
0.2400
0.2130
0.2900
0.2350
0.3000
0.2350
0.2500
Note: It maintains a tolerance of x,y ±0.007


Similar Part No. - E3113BGR

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E31 GILWAY-E31 Datasheet
1Mb / 17P
   Miniature LEDs
logo
ZF Friedrichshafen AG
E31 ZFSWITCHES-E31 Datasheet
1Mb / 5P
   High temperature versions optional
logo
Mitsumi Electronics, Co...
E31-010-210-AGKA MITSUMI-E31-010-210-AGKA Datasheet
169Kb / 2P
   Memory Stick??Connectors
logo
Ferroxcube Internationa...
E31-3C90 FERROXCUBE-E31-3C90 Datasheet
44Kb / 3P
   E cores and accessories
E31-3C90-A250 FERROXCUBE-E31-3C90-A250 Datasheet
44Kb / 3P
   E cores and accessories
More results

Similar Description - E3113BGR

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B1101IR HARVATEK-B1101IR Datasheet
798Kb / 14P
   Side View Chip LED
02/21/2018 Version 1.0
B1101 HARVATEK-B1101 Datasheet
806Kb / 14P
   Side View Chip LED
08/02/2017 Version 1.2
B37B3 HARVATEK-B37B3 Datasheet
1Mb / 15P
   Side View Chip LED
03/26/2019 Preliminary
B12H1 HARVATEK-B12H1 Datasheet
703Kb / 15P
   Side View Chip LED
08/04/2017 Version 1.0
B2102 HARVATEK-B2102 Datasheet
726Kb / 14P
   Side View Chip LED
06/13/2017 Version 1.1
B2132 HARVATEK-B2132 Datasheet
899Kb / 14P
   Side View Chip LED
07/03/2017 Version 1.4
B12F1IR HARVATEK-B12F1IR Datasheet
762Kb / 14P
   Side View Chip LED
02/20/2020 Preliminary
B1211 HARVATEK-B1211 Datasheet
741Kb / 15P
   Side View Chip LED
08/09/2017 Version 1.3
B1861 HARVATEK-B1861 Datasheet
563Kb / 15P
   Side View Chip LED
08/04/2017 Version 1.0
logo
Inolux Corporation
HT-B3213FCH INOLUX-HT-B3213FCH Datasheet
943Kb / 16P
   Side View RGB Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com