Electronic Components Datasheet Search
  English  ▼

X  

E3113BGR Datasheet(PDF) 10 Page - Harvatek Corporation

Part # E3113BGR
Description  Side View Chip LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

E3113BGR Datasheet(HTML) 10 Page - Harvatek Corporation

Back Button E3113BGR Datasheet HTML 6Page - Harvatek Corporation E3113BGR Datasheet HTML 7Page - Harvatek Corporation E3113BGR Datasheet HTML 8Page - Harvatek Corporation E3113BGR Datasheet HTML 9Page - Harvatek Corporation E3113BGR Datasheet HTML 10Page - Harvatek Corporation E3113BGR Datasheet HTML 11Page - Harvatek Corporation E3113BGR Datasheet HTML 12Page - Harvatek Corporation E3113BGR Datasheet HTML 13Page - Harvatek Corporation E3113BGR Datasheet HTML 14Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Side View Chip LED
E3113BGR-10D-0003Q3
7
Official Product
HT Part No. E3113BRG-10D-0003Q3
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
05/19/2017
Version 1.4
Page 10/15
Precaution for Use
1.
The chips should not be used directly in any type of fluid such as water, oil, organic solvent,
etc.
2.
When the LEDs are illuminating, the maximum ambient temperature should be first
considered before operation.
3.
LEDs must be stored in a clean environment. A sealed container with a nitrogen
atmosphere is necessary if the storage period is over 3 months after shipping.
4.
The LEDs must be used within 4 weeks after unpacked. Unused products must be
repacked in an anti-electrostatic package, folded to close any opening and then stored in a
dry and cool space.
5.
The appearance and specifications of the products may be modified for improvement
without further notice.
6.
The LEDs are sensitive to the static electricity and surge. It is strongly recommended to
use a grounded wrist band and anti-electrostatic glove when handling the LEDs.If a
voltage over the absolute maximum rating is applied to LEDs, it will damage
LEDs.Damaged LEDs will show some abnormal characteristics such as remarkable
increase of leak current, lower turn-on voltage and getting unlit at low current.


Similar Part No. - E3113BGR

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E31 GILWAY-E31 Datasheet
1Mb / 17P
Miniature LEDs
logo
ZF Friedrichshafen AG
E31 ZFSWITCHES-E31 Datasheet
1Mb / 5P
High temperature versions optional
logo
Mitsumi Electronics, Co...
E31-010-210-AGKA MITSUMI-E31-010-210-AGKA Datasheet
169Kb / 2P
Memory Stick??Connectors
logo
Ferroxcube Internationa...
E31-3C90 FERROXCUBE-E31-3C90 Datasheet
44Kb / 3P
E cores and accessories
E31-3C90-A250 FERROXCUBE-E31-3C90-A250 Datasheet
44Kb / 3P
E cores and accessories
More results

Similar Description - E3113BGR

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HT-B3213FCH INOLUX-HT-B3213FCH Datasheet
943Kb / 16P
Side View RGB Chip LED
logo
Harvatek Corporation
B1101 HARVATEK-B1101 Datasheet
806Kb / 14P
Side View Chip LED
08/02/2017 Version 1.2
B1211 HARVATEK-B1211 Datasheet
741Kb / 15P
Side View Chip LED
08/09/2017 Version 1.3
B12H1 HARVATEK-B12H1 Datasheet
703Kb / 15P
Side View Chip LED
08/04/2017 Version 1.0
B1861 HARVATEK-B1861 Datasheet
563Kb / 15P
Side View Chip LED
08/04/2017 Version 1.0
B2102 HARVATEK-B2102 Datasheet
726Kb / 14P
Side View Chip LED
06/13/2017 Version 1.1
B2132 HARVATEK-B2132 Datasheet
899Kb / 14P
Side View Chip LED
07/03/2017 Version 1.4
B37B3 HARVATEK-B37B3 Datasheet
1Mb / 15P
Side View Chip LED
03/26/2019 Preliminary
B1101IR HARVATEK-B1101IR Datasheet
798Kb / 14P
Side View Chip LED
02/21/2018 Version 1.0
B12F1IR HARVATEK-B12F1IR Datasheet
762Kb / 14P
Side View Chip LED
02/20/2020 Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com