Electronic Components Datasheet Search
  English  ▼

X  

E3743FCH Datasheet(PDF) 6 Page - Harvatek Corporation

Part # E3743FCH
Description  Top Mount Chip LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

E3743FCH Datasheet(HTML) 6 Page - Harvatek Corporation

Back Button E3743FCH Datasheet HTML 2Page - Harvatek Corporation E3743FCH Datasheet HTML 3Page - Harvatek Corporation E3743FCH Datasheet HTML 4Page - Harvatek Corporation E3743FCH Datasheet HTML 5Page - Harvatek Corporation E3743FCH Datasheet HTML 6Page - Harvatek Corporation E3743FCH Datasheet HTML 7Page - Harvatek Corporation E3743FCH Datasheet HTML 8Page - Harvatek Corporation E3743FCH Datasheet HTML 9Page - Harvatek Corporation E3743FCH Datasheet HTML 10Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Top Mount Chip LED
E3743FCH-20D-0001H2
7
Official Product
HT Part No. E3743FCH-20D-0001H2
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
03/02/2017
Version 1.3
Page 6/15
Specifications Range
■Luminous Intensity (Iv) Bin:
Color
Bin Code
Spec. Range
USD
P
45.00-71.50 mcd
Q
71.50-112.5 mcd
R
112.5-180.0 mcd
S
180.0-285.0 mcd
NG
R
112.5-180.0 mcd
S
180.0-285.0 mcd
T
285.0-360.0 mcd
NB
N
28.50-45.00 mcd
P
45.00-71.50 mcd
Q
71.50-112.5 mcd
R
112.5-180.0 mcd
Note: It maintains a tolerance of ±10% on luminous intensity
■Wavelength Bin:
Color
Bin Code
Spec. Range
USD
AC
615.0-630.0 nm
NG
A
515.0-520.0 nm
B
520.0-525.0 nm
C
525.0-530.0 nm
D
530.0-535.0 nm
NB
AA
460.0-465.0 nm
AB
465.0-470.0 nm
AC
470.0-475.0 nm
AD
475.0-480.0 nm
Note: It maintains a tolerance of + 0.5nm on Wavelength Bin


Similar Part No. - E3743FCH

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
E3740B1EB1S MICROSEMI-E3740B1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
E3740B1EN1S MICROSEMI-E3740B1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
E3740C1EB1S MICROSEMI-E3740C1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
E3740C1EN1S MICROSEMI-E3740C1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
E3740D1EB1S MICROSEMI-E3740D1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
More results

Similar Description - E3743FCH

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B17T2 HARVATEK-B17T2 Datasheet
1Mb / 14P
   Top Mount Chip LED
04/24/2019 Version 1.0
B1961NB HARVATEK-B1961NB Datasheet
1,001Kb / 14P
   Top Mount Chip LED
07/29/2020 Version 1.0
B1911NG HARVATEK-B1911NG Datasheet
1,020Kb / 14P
   Top Mount Chip LED
11/19/2019 Version 1.0
B1811 HARVATEK-B1811 Datasheet
721Kb / 14P
   Top Mount Chip LED
02/14/2017 Version 1.0
B1552 HARVATEK-B1552 Datasheet
844Kb / 14P
   Top Mount Chip LED
04/20/2017 Version 1.3
B1931 HARVATEK-B1931 Datasheet
856Kb / 14P
   Top Mount Chip LED
01/18/2017 Version 1.3
B3SK3 HARVATEK-B3SK3 Datasheet
1Mb / 19P
   Top Mount RGB Chip LED
21/01/2018 Version 1.0
B39D3 HARVATEK-B39D3 Datasheet
1Mb / 19P
   Top Mount RGB Chip LED
13/04/2018 Version 1.0
B39P3 HARVATEK-B39P3 Datasheet
1Mb / 19P
   Top Mount RGB Chip LED
13/04/2018 Version 1.0
B3SD3 HARVATEK-B3SD3 Datasheet
1Mb / 19P
   Top Mount RGB Chip LED
09/04/2018 Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com