Electronic Components Datasheet Search
  English  ▼

X  

E3743FCH Datasheet(PDF) 10 Page - Harvatek Corporation

Part # E3743FCH
Description  Top Mount Chip LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

E3743FCH Datasheet(HTML) 10 Page - Harvatek Corporation

Back Button E3743FCH Datasheet HTML 6Page - Harvatek Corporation E3743FCH Datasheet HTML 7Page - Harvatek Corporation E3743FCH Datasheet HTML 8Page - Harvatek Corporation E3743FCH Datasheet HTML 9Page - Harvatek Corporation E3743FCH Datasheet HTML 10Page - Harvatek Corporation E3743FCH Datasheet HTML 11Page - Harvatek Corporation E3743FCH Datasheet HTML 12Page - Harvatek Corporation E3743FCH Datasheet HTML 13Page - Harvatek Corporation E3743FCH Datasheet HTML 14Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Top Mount Chip LED
E3743FCH-20D-0001H2
7
Official Product
HT Part No. E3743FCH-20D-0001H2
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
03/02/2017
Version 1.3
Page 10/15
Precaution for Use
1.
The chips should not be used directly in any type of fluid such as water, oil, organic solvent,
etc.
2.
When the LEDs are illuminating, the maximum ambient temperature should be first
considered before operation.
3.
LEDs must be stored in a clean environment. A sealed container with a nitrogen
atmosphere is necessary if the storage period is over 3 months after shipping.
4.
The LEDs must be used within 4 weeks after unpacked. Unused products must be
repacked in an anti-electrostatic package, folded to close any opening and then stored in a
dry and cool space.
5.
The appearance and specifications of the products may be modified for improvement
without further notice.
6.
The LEDs are sensitive to the static electricity and surge. It is strongly recommended to
use a grounded wrist band and anti-electrostatic glove when handling the LEDs. If a
voltage over the absolute maximum rating is applied to LEDs, it will damage LEDs.
Damaged LEDs will show some abnormal characteristics such as remarkable increase of
leak current, lower turn-on voltage and getting unlit at low current.


Similar Part No. - E3743FCH

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
E3740B1EB1S MICROSEMI-E3740B1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
E3740B1EN1S MICROSEMI-E3740B1EN1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
E3740C1EB1S MICROSEMI-E3740C1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
E3740C1EN1S MICROSEMI-E3740C1EN1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
E3740D1EB1S MICROSEMI-E3740D1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
More results

Similar Description - E3743FCH

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B1552 HARVATEK-B1552 Datasheet
844Kb / 14P
Top Mount Chip LED
04/20/2017 Version 1.3
B17T2 HARVATEK-B17T2 Datasheet
1Mb / 14P
Top Mount Chip LED
04/24/2019 Version 1.0
B1811 HARVATEK-B1811 Datasheet
721Kb / 14P
Top Mount Chip LED
02/14/2017 Version 1.0
B1911NG HARVATEK-B1911NG Datasheet
1,020Kb / 14P
Top Mount Chip LED
11/19/2019 Version 1.0
B1931 HARVATEK-B1931 Datasheet
856Kb / 14P
Top Mount Chip LED
01/18/2017 Version 1.3
B1961NB HARVATEK-B1961NB Datasheet
1,001Kb / 14P
Top Mount Chip LED
07/29/2020 Version 1.0
B39D3 HARVATEK-B39D3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
13/04/2018 Version 1.0
B39P3 HARVATEK-B39P3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
13/04/2018 Version 1.0
B3SD3 HARVATEK-B3SD3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
09/04/2018 Version 1.0
B3SK3 HARVATEK-B3SK3 Datasheet
1Mb / 19P
Top Mount RGB Chip LED
21/01/2018 Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com