Electronic Components Datasheet Search
  English  ▼

X  

B12F1IR Datasheet(PDF) 6 Page - Harvatek Corporation

Part # B12F1IR
Description  Side View Chip LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B12F1IR Datasheet(HTML) 6 Page - Harvatek Corporation

Back Button B12F1IR Datasheet HTML 2Page - Harvatek Corporation B12F1IR Datasheet HTML 3Page - Harvatek Corporation B12F1IR Datasheet HTML 4Page - Harvatek Corporation B12F1IR Datasheet HTML 5Page - Harvatek Corporation B12F1IR Datasheet HTML 6Page - Harvatek Corporation B12F1IR Datasheet HTML 7Page - Harvatek Corporation B12F1IR Datasheet HTML 8Page - Harvatek Corporation B12F1IR Datasheet HTML 9Page - Harvatek Corporation B12F1IR Datasheet HTML 10Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Side View Chip LED
B12F1IR--50C-000174
Official Product
HT Part No. B12F1IR--50C-000174
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance notice.
Proprietary data, drawings, company confidential all rights reserved.
02/20/2020
Preliminary
Page 6/14
Absolute Maximum Rating At 25℃
Symbol
Parameters
Ratings
Units
Notes
IF
Forward Current
70
mA
IFP
Peak Forward Current
500
mA
1
VR
Reverse Voltage
5
V
Topr
Operating Temperature
-40 ~ +85
Tstg
Storage Temperature
-40 ~ +100
Tsol
Soldering Temperature
260
2
Notes:
1.
IFP Conditions--Pulse Width≦100μs and Duty≦1%.
2.
Soldering time≦5 seconds.
Electro-Optical Characteristics
Symbol
Parameters
Test conditions
Min
Typ
Max
Units
Notes
Ie
Radiant Intensity
IF=50mA
3
5.3
10
mW/sr
3
λP
Peak Wavelength
IF=50mA
-
940
-
nm
4
Δλ
Spectral bandwidth at 50% of Imax
IF=50mA
35
-
nm
VF
Forward Voltage
IF=50mA
1.2
-
2.0
V
5
IR
Reverse Current
VR=5V
-
-
10
μA
2θ1/2
Angle of Half Intensity (X)
IF=50mA
-
140
-
deg
Angle of Half Intensity (Y)
-
130
-
Notes:
3.
Radiant Intensity (Ie) Bin:
Color
Bin Code
Spec. Range
IR
PD
3.0-4.0 mW/sr
PE
4.0-5.0 mW/sr
PF
5.0-7.5 mW/sr
PG
7.5-10 mW/sr
4.
Radiant Intensity (Ie) Bin:
Color
Bin Code
Spec. Range
IR
B
920-940 nm


Similar Part No. - B12F1IR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B12 DBLECTRO-B12 Datasheet
210Kb / 1P
FEMALE HEADER PROFILE : 8.6mm STRAIGHT
logo
List of Unclassifed Man...
B12 ETC2-B12 Datasheet
62Kb / 4P
Thermal Cutout Temperature Protection for Coils/Windings
logo
Micrel Semiconductor
B12 MICREL-B12 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
Advanced Semiconductor
B12-28 ASI-B12-28 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
List of Unclassifed Man...
B12-28 ETC2-B12-28 Datasheet
119Kb / 2P
VHF COMMUNICATIONS
More results

Similar Description - B12F1IR

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HT-B3213FCH INOLUX-HT-B3213FCH Datasheet
943Kb / 16P
Side View RGB Chip LED
logo
Harvatek Corporation
B1101 HARVATEK-B1101 Datasheet
806Kb / 14P
Side View Chip LED
08/02/2017 Version 1.2
B1211 HARVATEK-B1211 Datasheet
741Kb / 15P
Side View Chip LED
08/09/2017 Version 1.3
B12H1 HARVATEK-B12H1 Datasheet
703Kb / 15P
Side View Chip LED
08/04/2017 Version 1.0
B1861 HARVATEK-B1861 Datasheet
563Kb / 15P
Side View Chip LED
08/04/2017 Version 1.0
B2102 HARVATEK-B2102 Datasheet
726Kb / 14P
Side View Chip LED
06/13/2017 Version 1.1
B2132 HARVATEK-B2132 Datasheet
899Kb / 14P
Side View Chip LED
07/03/2017 Version 1.4
B37B3 HARVATEK-B37B3 Datasheet
1Mb / 15P
Side View Chip LED
03/26/2019 Preliminary
E3113BGR HARVATEK-E3113BGR Datasheet
798Kb / 15P
Side View Chip LED
05/19/2017 Version 1.4
B1101IR HARVATEK-B1101IR Datasheet
798Kb / 14P
Side View Chip LED
02/21/2018 Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com