Electronic Components Datasheet Search
  English  ▼

X  

B12F1IR Datasheet(PDF) 12 Page - Harvatek Corporation

Part # B12F1IR
Description  Side View Chip LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B12F1IR Datasheet(HTML) 12 Page - Harvatek Corporation

Back Button B12F1IR Datasheet HTML 6Page - Harvatek Corporation B12F1IR Datasheet HTML 7Page - Harvatek Corporation B12F1IR Datasheet HTML 8Page - Harvatek Corporation B12F1IR Datasheet HTML 9Page - Harvatek Corporation B12F1IR Datasheet HTML 10Page - Harvatek Corporation B12F1IR Datasheet HTML 11Page - Harvatek Corporation B12F1IR Datasheet HTML 12Page - Harvatek Corporation B12F1IR Datasheet HTML 13Page - Harvatek Corporation B12F1IR Datasheet HTML 14Page - Harvatek Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Side View Chip LED
B12F1IR--50C-000174
Official Product
HT Part No. B12F1IR--50C-000174
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance notice.
Proprietary data, drawings, company confidential all rights reserved.
02/20/2020
Preliminary
Page 12/14
Dry Pack
All SMD optical devices are MOISTURE SENSITIVE. Avoid exposure to moisture at all times
during transportation or storage. Every reel is packaged in a moisture protected anti-static bag.
Each bag is properly sealed prior to shipment.
A humidity indicator will be included in the moisture protected anti-static bag prior to shipment.
The packaging sequence is as follows:
Baking
Baking before soldering is recommended when the package has been unsealed for 4 weeks.
The conditions are as followings:
1.
60±3℃×(12~24hrs)and<5%RH, taped reel type.
2.
100±3℃×(45min~1hr), bulk type.
3.
130±3℃×(15min~30min), bulk type.
Precautions
1.
Avoid exposure to moisture at all times during transportation or storage.
2.
Anti-Static precaution must be taken when handling GaN, InGaN, and AlInGaP products.
3.
It is suggested to connect the unit with a current limiting resistor of the proper size. Avoid
applying a reverse voltage beyond the specified limit.
4.
Avoid operation beyond the limits as specified by the absolute maximum ratings.
5.
Avoid direct contact with the surface through which the LED emits light.
6.
If possible, assemble the unit in a clean room or dust-free environment.


Similar Part No. - B12F1IR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B12 DBLECTRO-B12 Datasheet
210Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm STRAIGHT
logo
List of Unclassifed Man...
B12 ETC2-B12 Datasheet
62Kb / 4P
   Thermal Cutout Temperature Protection for Coils/Windings
logo
Micrel Semiconductor
B12 MICREL-B12 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
Advanced Semiconductor
B12-28 ASI-B12-28 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
List of Unclassifed Man...
B12-28 ETC2-B12-28 Datasheet
119Kb / 2P
   VHF COMMUNICATIONS
More results

Similar Description - B12F1IR

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B1101IR HARVATEK-B1101IR Datasheet
798Kb / 14P
   Side View Chip LED
02/21/2018 Version 1.0
E3113BGR HARVATEK-E3113BGR Datasheet
798Kb / 15P
   Side View Chip LED
05/19/2017 Version 1.4
B1101 HARVATEK-B1101 Datasheet
806Kb / 14P
   Side View Chip LED
08/02/2017 Version 1.2
B37B3 HARVATEK-B37B3 Datasheet
1Mb / 15P
   Side View Chip LED
03/26/2019 Preliminary
B12H1 HARVATEK-B12H1 Datasheet
703Kb / 15P
   Side View Chip LED
08/04/2017 Version 1.0
B2102 HARVATEK-B2102 Datasheet
726Kb / 14P
   Side View Chip LED
06/13/2017 Version 1.1
B2132 HARVATEK-B2132 Datasheet
899Kb / 14P
   Side View Chip LED
07/03/2017 Version 1.4
B1211 HARVATEK-B1211 Datasheet
741Kb / 15P
   Side View Chip LED
08/09/2017 Version 1.3
B1861 HARVATEK-B1861 Datasheet
563Kb / 15P
   Side View Chip LED
08/04/2017 Version 1.0
logo
Inolux Corporation
HT-B3213FCH INOLUX-HT-B3213FCH Datasheet
943Kb / 16P
   Side View RGB Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com